Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 65 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 65 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 61Page - Analog Devices LTM4664 Datasheet HTML 62Page - Analog Devices LTM4664 Datasheet HTML 63Page - Analog Devices LTM4664 Datasheet HTML 64Page - Analog Devices LTM4664 Datasheet HTML 65Page - Analog Devices LTM4664 Datasheet HTML 66Page - Analog Devices LTM4664 Datasheet HTML 67Page - Analog Devices LTM4664 Datasheet HTML 68Page - Analog Devices LTM4664 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 138 page
background image
LTM4664A
65
Rev. 0
For more information www.analog.com
phasing with respect to the SYNC pin. Phase relationship
values are indicated with 0° corresponding to the falling
edge of SYNC being coincident with the turn-on of the
top MOSFETs, MTn.
The MFR_PWM_CONFIG command can be altered via
I2C commands, but only when switching action is dis-
engaged, i.e., the module’s outputs are turned off. The
MFR_PWM_CONFIG command takes on the value stored
in NVM at SVIN power-up, but is overridden according
to a resistor pin-strap applied between the FSWPH_CFG
pin and SGND only if the module is configured to respect
resistor pin-strap settings (MFR_CONFIG_ALL[6] = 0b).
Table 3 highlights available resistor pin-strap and corre-
sponding MFR_PWM_CONFIG[2:0] settings.
Some combinations of FREQUENCY_SWITCH and
MFR_PWM_CONFIG[2:0] are not available by resistor
pin-strapping the FSWPH_CFG pin. All combinations of
supported values for FREQUENCY_SWITCH and MFR_
PWM_CONFIG[2:0] can be configured by NVM program-
ming—or, I2C transactions, provided switching action is
disengaged, i.e., the module’s outputs are turned off.
Care must be taken to minimize capacitance on SYNC
to assure that the pull-up resistor versus the capacitor
load has a low enough time constant for the application
to form a “clean” clock. (See “Open-Drain Pins”, later in
this section.)
When an LTM4664A PSM is configured as a sync slave,
it is permissible for external circuitry to drive the SYNC
pin from a current-limited source (less than 10mA), rather
than using a pull-up resistor. Any external circuitry must
not drive high with arbitrarily low impedance at SVIN pow-
er-up, because the SYNC output can be low impedance
until NVM contents have been downloaded to RAM.
Recommended LTM4664A PSM switching frequencies of
operation for many common VIN-to-VOUT applications are
indicated below. When the two channels of an LTM4664A
PSM are stepping input voltage(s) down to output volt-
ages whose recommended switching frequencies below
are significantly different, operation at the higher of the
two recommended switching frequencies is preferable,
but minimum on-time must be considered. (See Minimum
On-Time Considerations section.)
Table 9. Recommended PSM Switching Frequency for Various
VIN-to-VOUT Step-Down Scenarios
V
7.5VIN
10VIN
12VIN
14.5VIN
0.5
250kHz
250kHz
250kHz
250kHz
0.7
0.8
0.9
1.0
1.2
350kHz
350kHz
350kHz
350kHz
1.5
OUTPUT CURRENT LIMIT PROGRAMMING
The cycle-by-cycle current limit (= VISENSE/DCR) is pro-
portional to COMP_Cn, which can be programmed from
1.45V to 2.2V using the PMBus command IOUT_OC_
FAULT_LIMIT. The LTM4664A PSM uses only the sub-mil-
liohm sensing to detect current levels. See page103. The
LTM4664A PSM has two ranges of current limit program-
ming. The value of MFR_PWM_MODE[2] is reserved and
the MFR_PWM_MODE[7], and IOUT_OC_FAULT_LIMIT
are used to set the current limit level, see the section of
the PMBus commands, the device can regulate output
voltage with the peak current under the value of IOUT_OC_
FAULT_LIMIT in normal operation. In case of output cur-
rent exceeding that current limit, a OC fault will be issued.
Each of the IOUT_OC_FAULT_LIMIT ranges will effects the
loop gain, and subsequently effects the loop stability, so
setting the range of current limiting is a part of loop design.
The LTpowerCAD Design Tool can be used to look at the loop
stability changes if current limit is adjusted. The LTM4664A
PSM will automatically update the current limit as the induc-
tor temperature changes. Keep in mind this operation is on
a cycle-by-cycle basis and is only a function of the peak
inductor current. The average inductor current is monitored
by the ADC converter and can provide a warning if too much
average output current is detected. The overcurrent fault is
detected when the COMP_Cn voltage hits the maximum
value. The digital processor within the LTM4664A PSM
provides the ability to either ignore the fault, shut down
and latch off or shut down and retry indefinitely (hiccup).
Refer to the overcurrent portion of the Dual 25A/30A PSM
Operation section for more detail. The READ_POUT can be
used to readback calculated output power.
DUAL 25A/30A PSM APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com