Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 70 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 70 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 66Page - Analog Devices LTM4664 Datasheet HTML 67Page - Analog Devices LTM4664 Datasheet HTML 68Page - Analog Devices LTM4664 Datasheet HTML 69Page - Analog Devices LTM4664 Datasheet HTML 70Page - Analog Devices LTM4664 Datasheet HTML 71Page - Analog Devices LTM4664 Datasheet HTML 72Page - Analog Devices LTM4664 Datasheet HTML 73Page - Analog Devices LTM4664 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 138 page
background image
LTM4664A
70
Rev. 0
For more information www.analog.com
to avoid this problem. Multiple LTM4664As PSM sections
are required to share one SYNC pin in PolyPhase config-
urations. For other configurations, connecting the SYNC
pins to form a single SYNC signal is optional. If the SYNC
pin is shared between LTM4664As PSM sections, only
one LTM4664A section can be programmed with a fre-
quency output. All the other LTM4664As sections should
be programmed to disable the SYNC output. However
their frequency should be programmed to the nominal
desired value. See application schematic in Figure 51.
INPUT CURRENT SENSE AMPLIFIER
The LTM4664A input current sense amplifier can sense
the supply current into the VINS3_Cn power stages pins
using an external sense resistor as shown in the Figure 2
Block Diagram. The RSENSE value can be programmed
using the MFR_IIN_CAL_GAIN command. Kelvin sensing
is recommended across the RSENSE resistor to eliminate
errors. The MFR_PWM_CONFIG [6:5] sets the input cur-
rent sense amplifier gain. See the MFR_PWM_CONFIG
section. The IIN_OC_WARN_LIMIT command sets the
value of the input current measured by the ADC, in
amperes, that causes a warning indicating the input cur-
rent is high. The READ_IIN value will be used to determine
if this limit has been exceeded. The READ_IIN command
returns the input current, in Amperes, as measured across
the input current sense resistor.
There is an IR voltage drop from the supply to the VINS3
controller pin due to the current flowing into the VINS3 con-
troller pin. To compensate for this voltage drop, the MFR_
RVIN will be automatically set to the 1Ω internal sense
resistor in the Figure 2 Block Diagram. The LTM4664A
PSM will multiply the MFR_READ_ICHIP measurement
value by this 1Ω resistor and add this voltage to the
measured voltage at the VINS3 controller pin. Therefore,
READ_VIN = VIN_CNTLPIN + (MFR_READ_ICHIP • 1Ω)
The MFR_READ_ICHIP command is used to measure the
internal controller current. Using the READ_PIN com-
mand allows for reading calculated input power.
PROGRAMMABLE LOOP COMPENSATION
The LTM4664A offers programmable loop compensation
to optimize the transient response without any hardware
change. The error amplifier gain gm varies from 1.0m
to 5.73m , and the compensation resistor RCOMP varies
from 0kΩ to 62kΩ inside the controller. Two compensa-
tion capacitors, COMP_na and COMP_nb, are required in
the design and the typical ratio between COMP_
na and
COMP_nb is 10. Also see Figure 2 Block Diagram, and
Figure 31.
By adjusting the gm and RCOMP only, the LTM4664A PSM
can provide a flexible Type II compensation network to
optimize the loop over a wide range of output capacitors.
Adjusting the gm will change the gain of the compensation
over the whole frequency range without moving the pole
and zero location, as shown in Figure 32.
Adjusting the RCOMP will change the pole and zero loca-
tion, as shown in Figure 33. It is recommended that the
user determines the appropriate value for the gm and
RCOMP using the LTpowerCAD tool.
–
+
VREF
FB
4664A F31
COMP_
na
COMP_
nb
RCOMP
gm
Figure 31. Programmable Loop Compensation
Figure 32. Error Amp gm Adjust
INCREASE gm
FREQUENCY
4664A F32
GAIN
TYPE II COMPENSATION
DUAL 25A/30A PSM APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com