Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 60 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 60 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 56Page - Analog Devices LTM4664 Datasheet HTML 57Page - Analog Devices LTM4664 Datasheet HTML 58Page - Analog Devices LTM4664 Datasheet HTML 59Page - Analog Devices LTM4664 Datasheet HTML 60Page - Analog Devices LTM4664 Datasheet HTML 61Page - Analog Devices LTM4664 Datasheet HTML 62Page - Analog Devices LTM4664 Datasheet HTML 63Page - Analog Devices LTM4664 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 138 page
background image
LTM4664A
60
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PAGE
MFR_MODEL
0x9A Manufacturer part number in ASCII.
R String
N
ASC
LTM4664
118
MFR_VOUT_MAX
0xA5 Maximum allowed output voltage
including VOUT_OV_FAULT_LIMIT.
R Word
Y
L16
V
1.8
0x1CCD
102
MFR_PIN_ACCURACY
0xAC Returns the accuracy of the READ_PIN
command
R Byte
N
%
5.0%
128
USER_DATA_00
0xB0 OEM RESERVED. Typically used for part
serialization.
R/W Word
N
Reg
Y
NA
118
USER_DATA_01
0xB1 Manufacturer reserved for LTpowerPlay®.
R/W Word
Y
Reg
Y
NA
118
USER_DATA_02
0xB2 OEM RESERVED. Typically used for part
serialization
R/W Word
N
Reg
Y
NA
118
USER_DATA_03
0xB3 An NVM word available for the user.
R/W Word
Y
Reg
Y
0x0000
118
USER_DATA_04
0xB4 An NVM word available for the user.
R/W Word
N
Reg
Y
0x0000
118
MFR_EE_UNLOCK
0xBD Contact factory.
135
MFR_EE_ERASE
0xBE Contact factory.
135
MFR_EE_DATA
0xBF Contact factory.
135
MFR_CHAN_CONFIG
0xD0 Configuration bits that are channel
specific.
R/W Byte
Y
Reg
Y
0x1D
92
MFR_CONFIG_ALL
0xD1 General configuration bits.
R/W Byte
N
Reg
Y
0x21
93
MFR_FAULT_ PROPAGATE
0xD2 Configuration that determines which faults
are propagated to the FAULT pin.
R/W Word
Y
Reg
Y
0x6993
115
MFR_PWM_COMP
0xD3 PWM loop compensation configuration
R/W Byte
Y
Reg
Y
0x28
96
MFR_PWM_MODE
0xD4 Configuration for the PWM engine.
R/W Byte
Y
Reg
Y
0xC7
95
MFR_FAULT_RESPONSE
0xD5 Action to be taken by the device when the
FAULT pin is externally asserted low.
R/W Byte
Y
Reg
Y
0xC0
113
MFR_OT_FAULT_ RESPONSE 0xD6 Action to be taken by the device when an
internal overtemperature fault is detected.
R Byte
N
Reg
0xC0
113
MFR_IOUT_PEAK
0xD7 Report the maximum measured
value of READ_ IOUT since last
MFR_CLEAR_PEAKS.
R Word
Y
L11
A
NA
128
MFR_ADC_CONTROL
0xD8 ADC telemetry parameter selected for
repeated fast ADC read back
R/W Byte
N
Reg
0x00
129
MFR_RETRY_DELAY
0xDB Retry interval during FAULT retry mode.
R/W Word
Y
L11
ms
Y
250.0
0xF3E8
108
MFR_RESTART_DELAY
0xDC Minimum time the RUN pin is held low by
the LTM4664A.
R/W Word
Y
L11
ms
Y
150
0xF258
108
MFR_VOUT_PEAK
0xDD Maximum measured value of READ_VOUT
since last MFR_CLEAR_PEAKS.
R Word
Y
L16
V
NA
128
MFR_VIN_PEAK
0xDE Maximum measured value of READ_VIN
since last MFR_CLEAR_PEAKS.
R Word
N
L11
V
NA
128
MFR_TEMPERATURE_1_ PEAK 0xDF Maximum measured value of external
Temperature (READ_TEMPERATURE_1)
since last MFR_CLEAR_PEAKS.
R Word
Y
L11
C
NA
128
MFR_READ_IIN_PEAK
0xE1 Maximum measured value of READ_IIN
command since last MFR_CLEAR_PEAKS
R Word
N
L11
A
NA
128
MFR_CLEAR_PEAKS
0xE3 Clears all peak values.
Send Byte
N
NA
120
MFR_READ_ICHIP
0xE4 Measured supply current of the SVIN pin
R Word
N
L11
A
NA
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com