Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 14Page - Analog Devices LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices LTM4664 Datasheet HTML 17Page - Analog Devices LTM4664 Datasheet HTML 18Page - Analog Devices LTM4664 Datasheet HTML 19Page - Analog Devices LTM4664 Datasheet HTML 20Page - Analog Devices LTM4664 Datasheet HTML 21Page - Analog Devices LTM4664 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
LTM4664A
18
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
48V to 1V at 50A Shorted
48V to 1V, Second Stage (12V)
Shorted
48V
INPUT CURRENT
5A/DIV, 20µs/DIV
CURRENT ACROSS RSENSE
5A/DIV, 20µs/DIV
SW1
20V/DIV, 20µs/DIV
SW2
20V/DIV, 20µs/DIV
FAULTS1
5V/DIV, 20µs/DIV
FIRST STAGE VOUT1
20V/DIV, 20µs/DIV
SW3
10V/DIV, 20µs/DIV
SW4
10V/DIV, 20µs/DIV
SECOND STAGE VOUT2
10V/DIV, 20µs/DIV
FAULTS2
2V/DIV, 20µs/DIV
SWITCH VOUTC0
10V/DIV, 20µs/DIV
SWITCH VOUT1
10V/DIV, 20µs/DIV
FINAL STAGE VOUTC0 AND VOUTC1
0.5V/DIV, 20µs/DIV
PGOOD_C0
2V/DIV, 20µs/DIV
4664A G19
48V TO 1V AT 50A VOUT2 STAGE 12V
OUTPUT SHORTED
SWITCH VOUTC0
10V/DIV, 20µs/DIV
SWITCH VOUTC1
10V/DIV, 20µs/DIV
FINAL STAGE VOUT
0.5V/DIV, 20µs/DIV
PGOOD_C0
2V/DIV, 20µs/DIV
SW3
10V/DIV, 20µS/DIV
SW4
10V/DIV, 20µs/DIV
SECOND STAGE VOUT2
10V/DIV, 20µs/DIV
4664A G20
48V TO 1V AT 50A SHORTED LAST STAGE 1V
OUTPUT VOUTC0 AND VOUTC1 IN PARALLEL
READ_IOUT CHANNEL READBACK (A)
0
3
2
1
4
25.4 26.0 25.2 25.2 25.7 25.8 25.9 25.5
4664A G21
READ_IOUT CHANNEL READBACK (A)
0
3
2
1
4
25.2
25.7
24.9
24.9
25.3
25.5
4664A G22
READ_IOUT CHANNEL READBACK (A)
0
3
2
1
4
24.4 25.0 24.2 24.6 24.7 24.9 24.3 24.3
4664A G23
READ_IOUT of 16 LTM4664A
Channels 12VIN, 1VOUT, TJ = –40°C,
IOUTn = 25A, System Having
Reached Thermally Steady-State
Condition, No Airflow
READ_IOUT of 16 LTM4664A
Channels 12VIN, 1VOUT, TJ = 25°C,
IOUTn = 25A, System Having
Reached Thermally Steady-State
Condition, No Airflow
READ_IOUT of 16 LTM4664A
Channels 12VIN, 1VOUT, TJ = 125°C,
IOUTn = 25A, System Having
Reached Thermally Steady-State
Condition, No Airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com