Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 53 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 53 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 49Page - Analog Devices LTM4664 Datasheet HTML 50Page - Analog Devices LTM4664 Datasheet HTML 51Page - Analog Devices LTM4664 Datasheet HTML 52Page - Analog Devices LTM4664 Datasheet HTML 53Page - Analog Devices LTM4664 Datasheet HTML 54Page - Analog Devices LTM4664 Datasheet HTML 55Page - Analog Devices LTM4664 Datasheet HTML 56Page - Analog Devices LTM4664 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 138 page
background image
LTM4664A
53
Rev. 0
For more information www.analog.com
Refer to Figure 11 for a legend.
Handshaking features are included to ensure robust system communication. Please refer to the PMBus Communication
and Command Processing subsection of the Dual 25A/30A PSM Applications Information section for further details.
SDA
SCL
tHD(STA)
tHD(DAT)
tSU(STA)
tSU(STO)
tSU(DAT)
tLOW
tHD(SDA)
tSP
tBUF
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION
tr
tf
tr
tf
tHIGH
4664A F10
Figure 10. PMBus Timing Diagram
Table 6. Abbreviations of Supported Data Formats
PMBus
LTC
TERMINOLOGY DEFINITION
EXAMPLE
TERMINOLOGY
SPECIFICATION
REFERENCE
L11
Linear
Part II ¶7.1
Linear_5s_11s Floating point 16-bit data: value = Y • 2N,
where N = b[15:11] and Y = b[10:0], both
two’s compliment binary integers
b[15:0] = 0x9807 = 10011_000_0000_0111
value = 7 • 2–13 = 854E-6
L16
Linear
VOUT_MODE
Part II ¶8.2
Linear_16u
Floating point 16-bit data: value = Y • 2–12,
where Y = b[15:0], an unsigned integer
b[15:0] = 0x4C00 = 0100_1100_0000_0000
value = 19456 • 2–12 = 4.75
CF
DIRECT
Part II ¶7.2
Varies
16-bit data with a custom format defined in
the detailed PMBus command description
Often an unsigned or two’s compliment
integer
Reg
Register Bits
Part II ¶10.3
Reg
Per-bit meaning defined in detailed PMBus
command description
PMBus STATUS_BYTE command
ASC
Text Characters
Part II ¶22.2.1
ASCII
ISO/IEC 8859-1 [A05]
LTC (0x4C5443)
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com