Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 174Page - National Semiconductor (TI) PC8374L Datasheet HTML 175Page - National Semiconductor (TI) PC8374L Datasheet HTML 176Page - National Semiconductor (TI) PC8374L Datasheet HTML 177Page - National Semiconductor (TI) PC8374L Datasheet HTML 178Page - National Semiconductor (TI) PC8374L Datasheet HTML 179Page - National Semiconductor (TI) PC8374L Datasheet HTML 180Page - National Semiconductor (TI) PC8374L Datasheet HTML 181Page - National Semiconductor (TI) PC8374L Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
178
Revision1.1
8.5.56 Temperature Zone1 Gain and Offset Correction
Temperature gain and offset correction for Zone1 temperature monitoring.
Location: 7Dh
Type:
R/W (Becomes read-only when LOCK bit in the Configuration register is set.)
8.5.57 Temperature Zone2 Gain and Offset Correction
Temperature gain and offset correction for Zone2 temperature monitoring.
Location: 7Eh
Type:
R/W (Becomes read-only when LOCK bit in the Configuration register is set.)
Bit
76543210
Name
GAIN
Reserved
OFFSET
Reset
00000000
Bit
Description
7-6
GAIN (Gain Correction). Controls the gain correction applied to Zone1 temperature data. The incoming
temperature data (after format modification, see Section 8.5.6 on page 157) is gain-corrected by multiplying by
the gain correction value.
Bits
7 6
Gain Correction Value
0 1:
1.0078125 dec. (1.0000001b)
0 0:
1
(no gain correction - default)
1 1:
0.9921875 dec. (0.1111111b)
1 0:
0.9843750 dec. (0.1111110b)
In case of a sensor connection error (for Remote Diode sensor only), the incoming temperature data is not correct-
ed according to GAIN field (the temperature data is set to 80h).
5-4
Reserved.
3-0
OFFSET (Offset Correction). Contains the offset correction value that is added (with sign) to the Zone1
temperature data. The incoming temperature data (after format modification, see Section 8.5.6 on page 157) is
offset-corrected.
The binary value of OFFSET field is interpreted as 4-bit, 2’s complement value, with a resolution of 1
°C/LSBit.
The incoming temperature data is not corrected according to OFFSET field (i.e., the temperature data is set to 80h)
if a sensor connection error occurs (for Remote Diode sensor only).
Bits
3-0
Offset Value (for Sensor Types ‘01’ and ‘10’)
7h:
+7
°C
6h:
+6
°C
. . . .
1h:
+1
°C
0h:
0
°C
(no offset correction - default)
Fh:
−1°C
. . . .
9h:
−7°C
8h:
−8°C
Bit
76543210
Name
GAIN
Reserved
OFFSET
Reset
00000000
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com