Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 172Page - National Semiconductor (TI) PC8374L Datasheet HTML 173Page - National Semiconductor (TI) PC8374L Datasheet HTML 174Page - National Semiconductor (TI) PC8374L Datasheet HTML 175Page - National Semiconductor (TI) PC8374L Datasheet HTML 176Page - National Semiconductor (TI) PC8374L Datasheet HTML 177Page - National Semiconductor (TI) PC8374L Datasheet HTML 178Page - National Semiconductor (TI) PC8374L Datasheet HTML 179Page - National Semiconductor (TI) PC8374L Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
176
Revision1.1
8.5.54 Monitoring Control
Location: 75h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
Bit
76543210
Name
LOCK_LIM VOLT_HYST TEMP_HYST
Reserved
TEMP_FILT
ZONE3_
RANGE
ZONE2_
RANGE
ZONE1_
RANGE
Reset
0
0
0
0
0
0
0
0
Bit
Description
7
LOCK_LIM. When set to 1, locks itself and the following HM Limit registers: Voltage Low Limit (2.5V, Vccp, 3.3V,
5V, 12V), Voltage High Limit (2.5V, Vccp, 3.3V, 5V, 12V), Temperature Low Limit Zone1-3, Temperature High
Limit Zone1-3, Fan Tachometer1-4 Low Limit LSB, Fan Tachometer1-4 Low Limit MSB, Temperature Critical Limit
Zone1-3.
This bit is reset by Hardware reset.
0: All R/W HM Limit registers are enabled for write (default)
1: Specified HM Limit registers are RO
6
VOLT_HYST (Voltage Channels, Hysteresis). Selects whether hysteresis is used when the voltage data in
Voltage Reading registers is compared with the Voltage Low Limit and Voltage High Limit registers.
0: No hysteresis (default)
1: The hysteresis is equal to the LSBit multiplied by 4 of the (High or Low) Voltage Limit register
5
TEMP_HYST (Temperature Channels, Hysteresis). Selects whether hysteresis is used when the temperature
data in Temperature Reading registers is compared with the Temperature Low Limit, Temperature High Limit and
Temperature Critical Limit registers. Temperature hysteresis value is independent on the setting of the
ZONE1_RANGE bit (bit 0, below).
0: No hysteresis (default)
1: Hysteresis of 4
°C
4
Reserved.
3
TEMP_FILT (Temperature Data Filter). Selects whether a low-pass filter is applied to the temperature data read
from the LMxx Sensor device. If this bit is 1, the temperature data is filtered before it is stored in the
Temperature Reading Zone ‘n’ register.
0: No filter (default)
1: A low-pass filter with 673 ms rise time (0% to 95% of the incoming temperature change) is applied to the tem-
perature channels
2
ZONE3_RANGE. Configures the temperature range shown in the Temperature Reading Zone3 register. The
LSBit of the LMxx temperature MSByte represents a value of 2
°C. When ZONE3_RANGE is 0, the LMxx
temperature data is truncated to -127
°C<=value<=127°C, with the LSB of the Temperature Reading register
representing a value of 1
°C. When ZONE3_RANGE is 1, the LMxx MSByte is translated to the Temperature
Reading registers and represents a value such that -255
°C<=value<=255°C, with the LSBit having a value of
2
°C (see Figure 37 on page 158).
Note: This bit is not relevant when an LM95010 device is used.
0: 1
°C resolution for Temperature Reading register (default)
1: 2
°C resolution for Temperature Reading register
1
ZONE2_RANGE. Same as ZONE3_RANGE, but for Zone2. This bit is always relevant (i.e., it is not dependent
on the LMxx device used).
0
ZONE1_RANGE. Same as ZONE3_RANGE, but for Zone1. This bit is always relevant (i.e., it is not dependent
on the LMxx device used).
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com