Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 169Page - National Semiconductor (TI) PC8374L Datasheet HTML 170Page - National Semiconductor (TI) PC8374L Datasheet HTML 171Page - National Semiconductor (TI) PC8374L Datasheet HTML 172Page - National Semiconductor (TI) PC8374L Datasheet HTML 173Page - National Semiconductor (TI) PC8374L Datasheet HTML 174Page - National Semiconductor (TI) PC8374L Datasheet HTML 175Page - National Semiconductor (TI) PC8374L Datasheet HTML 176Page - National Semiconductor (TI) PC8374L Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
173
www.national.com
8.5.43 Fan Tachometer1 Low Limit LSB
LSB of lowest permitted fan speed value.
Location: 54h
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
8.5.44 Fan Tachometer1 Low Limit MSB
LSB of lowest permitted fan speed value.
Location: 55h
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
8.5.45 Fan Tachometer2 Low Limit LSB
LSB of lowest permitted fan speed value.
Location: 56h
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
Bit
76543210
Name
FAN_MIN_LSB
Reset
11111111
Bit
Description
7-0
FAN_MIN_LSB. Contains the low byte of the Fan Tachometer value, which indicates the lowest permitted fan
speed value setting. If the number of clock cycles counted in one fan revolution is higher than the Fan
Tachometer value (FAN_MIN_LSB and FAN_MIN_MSB), the associated FANn_xxx bits in the HM Interrupt
Status register, HM Sensor Status Register and Status Register are set to 1 (see Section 8.4.5 on page 144,
Section 8.4.9 on page 148, and Section 8.5.24 on page 165). These status bits are never set to 1 if the Fan
Tachometer Low Limit value is FFFFh.
If the associated FANPWM output is set to Automatic fan control and if the SPIN_END bit in related Extended
FANPWM Control register is set to 0, the Fan Tachometer Low Limit registers (FAN_MIN_LSB and
FAN_MIN_MSB) indicate the fan speed at which the spin-up is ended (see Section 8.5.85 on page 190). In this
case, a fan speed below the set value does not set the FANn_xxx bits to 1; a fan speed above the set value
indicates the end of spin-up process (see “Speed Change Modes” on page 136).
The two LSBits of this field are irrelevant and can be set to any value.
For correct operation when writing a new value to the Low Limit registers, the Limit LSB register must be written
before the Limit MSB register. Note that internally, only one latch is used for all Limit writing. The two bytes of
a tachometer limit must be written before writing the next tachometer limit; otherwise, the written data may be
incorrect.
Bit
76543210
Name
FAN_MIN_MSB
Reset
11111111
Bit
Description
7-0
FAN_MIN_MSB. Contains the high byte of the Fan Tachometer value which indicates either the lowest permitted
fan speed value setting or the fan speed at which the spin-up is ended.
Bit
76543210
Name
FAN_MIN_LSB
Reset
11111111
Bit
Description
7-0
FAN_MIN_LSB. Same as FAN_MIN_LSB of Fan Tachometer1 Low Limit LSB register, but for Fan Tachometer 2.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com