Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 168Page - National Semiconductor (TI) PC8374L Datasheet HTML 169Page - National Semiconductor (TI) PC8374L Datasheet HTML 170Page - National Semiconductor (TI) PC8374L Datasheet HTML 171Page - National Semiconductor (TI) PC8374L Datasheet HTML 172Page - National Semiconductor (TI) PC8374L Datasheet HTML 173Page - National Semiconductor (TI) PC8374L Datasheet HTML 174Page - National Semiconductor (TI) PC8374L Datasheet HTML 175Page - National Semiconductor (TI) PC8374L Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
172
Revision1.1
8.5.40 Temperature High Limit Zone2
Temperature high limit for Zone2 temperature monitoring.
Location: 51h
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
8.5.41 Temperature Low Limit Zone3
Temperature low limit for Zone3 temperature monitoring.
Location: 52h
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
8.5.42 Temperature High Limit Zone3
Temperature high limit for Zone3 temperature monitoring.
Location: 53h
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
Bit
76543210
Name
HIGH_LIMIT
Reset
01111111
Bit
Description
7-0
HIGH_LIMIT. Same as HIGH_LIMIT in Temperature Low Limit Zone1, but for Temperature Zone2.
Bit
76543210
Name
LOW_LIMIT
Reset
10000001
Bit
Description
7-0
LOW_LIMIT. Same as LOW_LIMIT in Temperature Low Limit Zone1, but for Temperature Zone3.
Bit
76543210
Name
HIGH_LIMIT
Reset
01111111
Bit
Description
7-0
HIGH_LIMIT. Same as HIGH_LIMIT in Temperature Low Limit Zone1, but for Temperature Zone3.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com