Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 99Page - National Semiconductor (TI) PC8374L Datasheet HTML 100Page - National Semiconductor (TI) PC8374L Datasheet HTML 101Page - National Semiconductor (TI) PC8374L Datasheet HTML 102Page - National Semiconductor (TI) PC8374L Datasheet HTML 103Page - National Semiconductor (TI) PC8374L Datasheet HTML 104Page - National Semiconductor (TI) PC8374L Datasheet HTML 105Page - National Semiconductor (TI) PC8374L Datasheet HTML 106Page - National Semiconductor (TI) PC8374L Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
Revision 1.1
103
www.national.com
4.4.7
General-Purpose Status 1 Register 3 (GPE1_STS_3)
This register contains “child” events 24-31 of the GPE1_STS register.
The status bits behave according to the Sticky Status Bit definition in the ACPI Specification (i.e., the bit is set when the level
of the hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 0Bh
Type:
R/W1C
1
RI2_EVT_STS (RI2 Event Status). Indicates that a telephone ring signal was received at Serial Port 2 and the
event was identified by the RI Wake-Up Detector. The bit is set by a high-to-low transition at the RI2 pin (see
Section 4.2.1 on page 82). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A telephone ring signal was received at Serial Port 2
0
Reserved.
Bit
76543210
Name
Reserved
HM_STS
MOD_IRQ
_STS
MS_IRQ
_STS
KBD_IRQ
_STS
Reserved
Reset
00000000
Bit
Description
7-6
Reserved.
5
HM_STS (HM Alarm Status). Is set if an event enabled for SCI generation was detected by the Health
Management module.
For the list of events and routing to SWC module (to the HM_STS bit) see “SCI and SMI Events Routing” in the
“Events Notification” section.
Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled event was detected by the Health Management module
4
MOD_IRQ_STS (Modules IRQ Event Status). Indicates that an IRQ was generated by one of the Legacy
modules (FDC, Parallel Port, Serial Ports 1 and 2, InfraRed Port), or Health Management module. The bit is set
only if the IRQ is enabled for wake-up (bit 4 of the Standard configuration register at index 70h) and the related
module is active; see Section 3.2.3 on page 39. Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled IRQ (from one of the Legacy or Health Management modules) is active
3
MS_IRQ_STS (Mouse IRQ Event Status). Indicates that an IRQ was generated by the mouse interface section
of the KBC module. The bit is set only if the IRQ is enabled for wake-up (bit 4 of the Mouse Logical Device
configuration register at index 70h) and the KBC module is active (see Section 3.2.3 on page 39). Writing 1
clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled IRQ from the mouse interface section of the KBC module is active
2
KBD_IRQ_STS (Keyboard IRQ Event Status). Indicates that an IRQ was generated by the keyboard interface
section of the KBC module. The bit is set only if the IRQ is enabled for wake-up (bit 4 of the Keyboard Logical
Device configuration register at index 70h) and the KBC module is active (see Section 3.2.3 on page 39).
Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled IRQ from the keyboard interface section of the KBC module is active
1-0
Reserved.
Bit
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com