Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 101Page - National Semiconductor (TI) PC8374L Datasheet HTML 102Page - National Semiconductor (TI) PC8374L Datasheet HTML 103Page - National Semiconductor (TI) PC8374L Datasheet HTML 104Page - National Semiconductor (TI) PC8374L Datasheet HTML 105Page - National Semiconductor (TI) PC8374L Datasheet HTML 106Page - National Semiconductor (TI) PC8374L Datasheet HTML 107Page - National Semiconductor (TI) PC8374L Datasheet HTML 108Page - National Semiconductor (TI) PC8374L Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
Revision 1.1
105
www.national.com
4.4.10 General-Purpose Enable 1 Register 2 (GPE1_EN_2)
This register contains “child” events 16-23 of the GPE1_EN register.
The enable bits behave according to the Enable Bit definition in the ACPI Specification (i.e., the bit can be read or written
by software).
Power Well: VSB3
Location:
Offset 0Eh
Type:
R/W
Bit
76543210
Name
KBD_EVT3
_EN
KBD_EVT2
_EN
KBD_EVT1
_EN
MS_EVT
_EN
KBD_ANYK
_EN
RI1_EVT
_EN
RI2_EVT
_EN
Reserved
Reset
00000000
Bit
Description
7
KBD_EVT3_EN (Keyboard Event 3 Enable).
Enables the event of pressing “PM Key 3” (on the keyboard) to
set PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of pressing the “PM Key 3” on the keyboard to set PME_STS
6
KBD_EVT2_EN (Keyboard Event 2 Enable). Enables the event of pressing “PM Key 2” (on the keyboard) to
set PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of pressing the “PM Key 2” on the keyboard to set PME_STS
5
KBD_EVT1_EN (Keyboard Event 1 Enable). Enables the event of pressing any key, key sequence or “PM Key
1” (on the keyboard) to set PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of pressing a sequence of keys or the “PM Key 1” on the keyboard to set PME_STS
4
MS_EVT_EN (Mouse Event Enable). Enables a mouse event identified by the Keyboard/Mouse Wake-Up
Detector to set PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of mouse event identified by the Keyboard/Mouse Wake-Up Detector to set PME_STS
3
KBD_ANYK_EN (Keyboard Any-Key Enable). Enables the event of pressing any key (on the keyboard) to set
PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of pressing any key on the keyboard to set PME_STS
2
RI1_EVT_EN (RI1 Event Enable). Enables a telephone ring, received at Serial Port 1 and identified by the RI
Wake-Up Detector, to set PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of telephone ring event received at Serial Port 1 to set PME_STS
1
RI2_EVT_EN (RI2 Event Enable). Enables a telephone ring, received at Serial Port 2 and identified by the RI
Wake-Up Detector, to set PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of telephone ring event received at Serial Port 2 to set PME_STS
0
Reserved.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com