Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 105Page - National Semiconductor (TI) PC8374L Datasheet HTML 106Page - National Semiconductor (TI) PC8374L Datasheet HTML 107Page - National Semiconductor (TI) PC8374L Datasheet HTML 108Page - National Semiconductor (TI) PC8374L Datasheet HTML 109Page - National Semiconductor (TI) PC8374L Datasheet HTML 110Page - National Semiconductor (TI) PC8374L Datasheet HTML 111Page - National Semiconductor (TI) PC8374L Datasheet HTML 112Page - National Semiconductor (TI) PC8374L Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 239 page
background image
109
www.national.com
Revision 1.1
5.0
LPC Bus Interface
With the exception of the Glue Functions, the host can access all the functional blocks of the PC8374L device through the
LPC bus.
5.1 OVERVIEW
The LPC host interface supports I/O Read and Write, Memory Read and Write, 8-bit Firmware Memory Read and Write, and
8-bit DMA transactions, as defined in Intel’s LPC Interface Specification, Revision 1.1.
5.2 LPC TRANSACTIONS
The LPC interface of the PC8374L device responds to the following LPC transactions:
• I/O read and write cycles
• Memory read and write cycles
• 8-bit Firmware Memory read and write
• 8-bit DMA read and write cycles
• DMA request
5.3 INTERRUPT SERIALIZER
The Interrupt Serializer translates parallel interrupt request (PIRQ) signals received from internal IRQ sources into serial in-
terrupt request data transmitted over the SERIRQ bus. This enables devices that support only parallel IRQs to be integrated
into a system that supports only serial IRQs like the LPC bus.
Each internal IRQ is fed into a Mapping, Enable and Polarity Control block, which maps the IRQ to its associated IRQ num-
bers (see Table 14 on page 41). The resulting IRQs are then fed into the Interrupt Serializer, where they are translated into
serial data and then transmitted over the SERIRQ bus. Each interrupt number is assigned a time slot in the SERIRQ frame.
Different IRQ sources in the PC8374L device cannot share the same interrupt number and thus cannot share the same time
slot in the SERIRQ frame.
When a transition is detected on an IRQ source, the new value of the IRQ source is transmitted over the SERIRQ bus during
the corresponding IRQ slot. For example, when a transition on the Serial Port IRQ is detected, the new value of the Serial
Port IRQ is transmitted during time slot n of the SERIRQ bus.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com