Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 109Page - National Semiconductor (TI) PC8374L Datasheet HTML 110Page - National Semiconductor (TI) PC8374L Datasheet HTML 111Page - National Semiconductor (TI) PC8374L Datasheet HTML 112Page - National Semiconductor (TI) PC8374L Datasheet HTML 113Page - National Semiconductor (TI) PC8374L Datasheet HTML 114Page - National Semiconductor (TI) PC8374L Datasheet HTML 115Page - National Semiconductor (TI) PC8374L Datasheet HTML 116Page - National Semiconductor (TI) PC8374L Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 239 page
background image
6.0 General-Purpose Input/Output (GPIO) Ports (Continued)
Revision 1.1
113
www.national.com
6.3 EVENT HANDLING AND SYSTEM NOTIFICATION
The enhanced GPIO port (GPIOE) supports system notification based on event detection. This functionality is based on
configuration bits and a bit slice of runtime registers GPEVEN and GPEVST. The configuration and operation of the event
detection capability is shown in Figure 17. System notification is described in Section 6.3.2.
Figure 17. Event Detection
6.3.1
Event Configuration
Each pin in the GPIO port is a potential input event source. The event detection can trigger a system notification on predeter-
mined behavior of the source pin. The GPCFG1 register determines the event detection trigger type for system notification.
Event Debounce Enable
The input signal can be debounced for at least 16 ms, before entering the detector. To ensure that the signal is stable, the
signal state is transferred to the event detector only after a debouncing period during which the signal has no transitions.
The debouncer adds a delay equal to the debouncing period to both assertion and de-assertion of the event pending indi-
cator (IRQ, SMI, SCI). The debounce is controlled by Event Debounce Enable (bit 6 of GPCFG1 register).
Event Type and Polarity
Two trigger types of event detection are supported: edge and level. An edge event may be detected on a source pin transi-
tion either from high to low or low to high. A level event may be detected when the source pin is either at high or low level.
The trigger type is determined by Event Type (bit 4 of GPCFG1 register). The direction of the transition (for edge) or the
polarity of the active level (for level) is determined by Event Polarity (bit 5 of GPCFG1 register).
Active edge refers to a change in a GPIO pin level that matches the Event Polarity bit (1 for rising edge and 0 for falling
edge). Active level refers to the GPIO pin level that matches the Event Polarity bit (1 for high level and 0 for low level). The
corresponding bit in GPEVST register is set by hardware whenever an active edge or an active level is detected regardless
of the GPEVEN register setting. Writing 1 to the Status bit clears it to 0. Writing 0 is ignored.
A GPIO pin is in event pending state if an active event has occurred (the corresponding bit in GPEVST register is set) and
the corresponding bit in GPEVEN register is set.
Event
Enable
Event Polarity
Input
Debouncer
1
0
Event
Internal
Bus
0
1
Pin
Level =1
Write 1 to Clear
Status
Rising Edge or
Rising
Edge
Detector
High Level =1
GPIO Pin Configuration Register 1
Event Type
Event
Debounce
Enable
R/W
Bit 6
Bit 5
Bit 4
Indication
Pending
(GPCFG1)
Reset
Set
GPIO Event Indication to SWC
Read
GPIO
GPIO
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com