Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 110Page - National Semiconductor (TI) PC8374L Datasheet HTML 111Page - National Semiconductor (TI) PC8374L Datasheet HTML 112Page - National Semiconductor (TI) PC8374L Datasheet HTML 113Page - National Semiconductor (TI) PC8374L Datasheet HTML 114Page - National Semiconductor (TI) PC8374L Datasheet HTML 115Page - National Semiconductor (TI) PC8374L Datasheet HTML 116Page - National Semiconductor (TI) PC8374L Datasheet HTML 117Page - National Semiconductor (TI) PC8374L Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 239 page
background image
6.0 General-Purpose Input/Output (GPIO) Ports (Continued)
www.national.com
114
Revision1.1
6.3.2
System Notification
System notification on GPIO-triggered events is achieved by asserting at least one of the following output pins:
• Interrupt Request (via the Interrupt Serializer in the LPC Bus Interface).
• System Management Interrupt (SMI).
The system notification for each GPIO pin is controlled by the corresponding bit in GPEVEN register together with the bits
of GPEVR register. System notification by a GPIO pin is enabled if the corresponding bit of GPEVEN register is set to 1. The
bits of the GPEVR register select the means of system notification (IRQ, SMI) that the detected GPIO event is routed to. The
event routing mechanism is shown in Figure 18.
Figure 18. GPIO Event Routing Mechanism for System Notification
The system notification to the target is asserted if at least one GPIO pin is in event pending state.
The selection of the target (for system notification) is determined by the GPEVR register. The specific IRQ number is deter-
mined by the IRQ selection procedure of the device configuration. The assertion of IRQ (as a means of system notification)
is disabled either when the GPIO functional block is deactivated or when VDD3 power is off.
The assertion of SMI is independent of the activation of the GPIO functional block.
System notification through IRQ, SMI or SCI (see Section 4.2.4 on page 86) can be initiated by software by writing to the
Data Out bit (in GPDO or GPDIO register) of a GPIO pin. This is possible only if the output of the corresponding GPIO pin
is enabled, pin multiplexing is selected for the GPIO function (see Section 1.3 on page 16) and the GPIO event is routed to
IRQ, SMI or SCI. System notification is asserted according to the actual level at the GPIO pin driven by the GPIO output
and/or by external circuitry. The level driven by the GPIO output should not cause a contention with the level driven by the
external circuitry.
A pending edge event may be cleared by clearing the corresponding GPEVST bit. However, a level event source may not
be released by software (except for disabling the source) as long as the pin is at active level. When level event is used, it is
also recommended to disable the input debouncer.
On deactivation of the GPIO functional block and while VDD3 power is off, access through the LPC bus to the runtime regis-
ters (GPEVST and GPEVEN) is disabled. All means of system notification that include the target IRQ number are detached
from the GPIO and de-asserted.
When VDD3 power is off, the status bits of the VDD-powered GPIO pins (VDDLOAD = 1) are cleared, however the status bits
of the VSB-powered GPIO pins (VDDLOAD = 0) are not affected.
Before enabling any system notification, it is recommended to set the desired event configuration and then verify that the
status registers are cleared.
Event Pending Indicator
IRQ
Event
Routing
Logic
Enable
IRQ
GPIO Pin Event Routing Register
Bit 0
Routed Events
from other GPIO Pins
Routing
SMI
Bit 1
Routing
Enable
SMI
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com