Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 113Page - National Semiconductor (TI) PC8374L Datasheet HTML 114Page - National Semiconductor (TI) PC8374L Datasheet HTML 115Page - National Semiconductor (TI) PC8374L Datasheet HTML 116Page - National Semiconductor (TI) PC8374L Datasheet HTML 117Page - National Semiconductor (TI) PC8374L Datasheet HTML 118Page - National Semiconductor (TI) PC8374L Datasheet HTML 119Page - National Semiconductor (TI) PC8374L Datasheet HTML 120Page - National Semiconductor (TI) PC8374L Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 239 page
background image
6.0 General-Purpose Input/Output (GPIO) Ports (Continued)
Revision 1.1
117
www.national.com
6.4.6
GPIO Event Status Register (GPEVST)
Power Well: VSB3
Location:
Device specific
Type:
R/W1C or RO
6.4.7
GPIO Data In/Out Register (GPDIO)
Power Well: VSB3
Location:
Device specific
Type:
R/W
Bit
76543210
Name
EVTSTAT
Reset
00000000
Bit
Description
7
−0 EVTSTAT (Event Status). Bits 7−0 correspond to pins 7−0 of the specific Port. The setting of each bit is
independent of the Event Enable bit in GPEVEN register. An active event sets the Status bit, which may be
cleared only by software writing 1 to the bit.
0: No active edge or level detected since last cleared
1: Active edge or level detected
Bit
76543210
Name
DATAINOUT
Reset Write
11111111
Reset Read
XXXXXXXX
Bit
Description
7-0
DATAINOUT (Data In/Out). Bits 7-0 correspond to pins 7-0 of the specific Port. The value of each bit determines
the value driven on the corresponding GPIO pin when its output buffer is enabled. Writing to the bit latches the
written data unless the bit is locked by the GPCFG register Lock bit. Reading each bit returns the value of the
corresponding GPIO pin. Pin configuration and the data-out value may influence the pin value.
0: Corresponding pin driven to low; pin level read low.
1: Corresponding pin driven or released (according to buffer type selection) to high; pin level read high (default).
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com