Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 119 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 119 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 115Page - National Semiconductor (TI) PC8374L Datasheet HTML 116Page - National Semiconductor (TI) PC8374L Datasheet HTML 117Page - National Semiconductor (TI) PC8374L Datasheet HTML 118Page - National Semiconductor (TI) PC8374L Datasheet HTML 119Page - National Semiconductor (TI) PC8374L Datasheet HTML 120Page - National Semiconductor (TI) PC8374L Datasheet HTML 121Page - National Semiconductor (TI) PC8374L Datasheet HTML 122Page - National Semiconductor (TI) PC8374L Datasheet HTML 123Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 239 page
background image
7.0 Glue Functions (Continued)
Revision 1.1
119
www.national.com
The voltage levels at both sides of switch “S” are measured by the comparator (“Comp”), which controls the state of the
switch as follows:
● If V
A >VB, then VDD3 >VDD5; the switch is closed, and the output voltage VREF5V =VDD3.
● If V
A <VB, then VDD3 <VDD5; the switch is open, and the output voltage VREF5V =VDD5, through the external 1KΩ
resistor, is connected to the VDD5 power supply.
The internal circuit is powered from the VDD3 supply. For VDD3 <VSO, switch “S” is open; therefore, the VREF5V output tracks
only the VDD5 supply. Figure 20 shows REF5 output in four cases of VDD3 and VDD5 ramp up and ramp down.
Figure 20. REF5 as a Function of VDD3 and VDD5
Table 45 defines the DC characteristics of the REF5 output, relative to the VDD3 supply. For the AC characteristics, see
“Highest Active Main and Standby Supply Reference” on page 232.
Table 45. REF5V DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VSO
Switch Open, VDD3 Voltage Range
0 < VDD5 < 5.5V
0
1.51
1. Not tested. Guaranteed by characterization.
V
VTRK
Output Voltage Tracking of VDD3 Voltage
1,
1.5V < VDD3,
VDD5 <VDD3 + 150 mV
− 150
+ 150
mV
a. VDD3 Ramps Up Before and Ramps Down After VDD5
0V
VSO
3.3V
5V
VDD3
VDD5
REF5V
b. VDD3 Ramps Up After and Ramps Down Before VDD5
0V
VSO
3.3V
5V
VDD3
VDD5
REF5V
VDD3
REF5V
VDD3
VDD5
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com