Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 119Page - National Semiconductor (TI) PC8374L Datasheet HTML 120Page - National Semiconductor (TI) PC8374L Datasheet HTML 121Page - National Semiconductor (TI) PC8374L Datasheet HTML 122Page - National Semiconductor (TI) PC8374L Datasheet HTML 123Page - National Semiconductor (TI) PC8374L Datasheet HTML 124Page - National Semiconductor (TI) PC8374L Datasheet HTML 125Page - National Semiconductor (TI) PC8374L Datasheet HTML 126Page - National Semiconductor (TI) PC8374L Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 239 page
background image
7.0 Glue Functions (Continued)
Revision 1.1
123
www.national.com
7.2.4
Main Power Good
This function generates the PWRGD_3V signal, indicating that the Main power supply voltage is valid. The PWRGD_3V sig-
nal indicates to system components that their input power supplies are valid. PWRGD_3V is de-asserted immediately when
SLP_S3 is asserted or PWRGD_PS is de-asserted. It is asserted with tPSD delay after PWRGD_PS is asserted. Figure 24
shows a simplified diagram of the circuit that generates the PWRGD_3V signal.
Figure 24. PWRGD_3V Generation (Simplified Diagram)
For the AC characteristics, see “Main Power Good” on page 234.
7.2.5
Power Distribution Control
This function generates the BKFD_CUT and the LATCHED_BF_CUT power distribution control signals.
An active low BKFD_CUT signal is generated when the Main power supply voltage is valid (PWRGD_PS = high) and the
system is not in one of the S3 to S5 sleep states (SLP_S3 = high).
The LATCHED_BF_CUT signal is generated from BKFD_CUT and SLP_S5 as follows:
● Rising edge of BKFD_CUT while the system is not in S5 sleep state (SLP_S5 = high) sets LATCHED_BF_CUT to
high.
● Falling edge of BKFD_CUT while the system is not in S5 sleep state (SLP_S5 = high) resets LATCHED_BF_CUT to
low.
● When the system is in S5 sleep state (SLP_S5 = low), LATCHED_BF_CUT is reset to low.
Figure 25 shows a simplified diagram of the circuit that generates the BKFD_CUT and the LATCHED_BF_CUT signals.
Table 47. Resume Reset Circuit DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VTRIP
VSB5 Threshold Level
VSB3 = 3.3V ±10%
4.05
4.5
V
ZOFF
Output Impedance at VSB3 Off
1
1. Not tested. Guaranteed by characterization.
VSB3 = 0V,
VSB5 =5V ±10%
710
K
Ω
PWRGD_PS
PWRGD_3V
Detector
tPSD
Delay
Reset
R-S Flip-Flop
Set
Q
SLP_S3
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com