Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 120Page - National Semiconductor (TI) PC8374L Datasheet HTML 121Page - National Semiconductor (TI) PC8374L Datasheet HTML 122Page - National Semiconductor (TI) PC8374L Datasheet HTML 123Page - National Semiconductor (TI) PC8374L Datasheet HTML 124Page - National Semiconductor (TI) PC8374L Datasheet HTML 125Page - National Semiconductor (TI) PC8374L Datasheet HTML 126Page - National Semiconductor (TI) PC8374L Datasheet HTML 127Page - National Semiconductor (TI) PC8374L Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 239 page
background image
7.0 Glue Functions (Continued)
www.national.com
124
Revision1.1
Figure 25. BKFD_CUT and LATCHED_BF_CUT Generation (Simplified Diagram)
For the AC characteristics, see “Power Distribution Control” on page 234.
7.2.6
Main Power Supply Control
This function generates the PS_ON signal, which turns the Main power supply on and off.
The Main power supply is turned on by an active low PS_ON signal, generated when all of the following are true:
● The processor is currently inserted in its socket (CPU_PRESENT = low).
● The system is not in one of the S3 to S5 sleep states (SLP_S3 = high).
● None of the conditions for ETC exists (see Section 8.2.10 on page 139).
● If an ETC event has occurred, the system has gone through one of the S3 to S5 sleep states (rising edge on SLP_S3).
Figure 26 shows a simplified diagram of the circuit that generates the PS_ON signal.
Figure 26. PS_ON Generation (Simplified Diagram)
For the AC characteristics, see “Main Power Supply Control” on page 235.
1 K
Ω
BKFD_CUT
VSB5
Pin
Reset
(BKFD_CUT)
SLP_S5
LATCHED_BF_CUT
Pin
SLP_S3
PWRGD_PS
R-S Flip-Flop
Set
Q
Detector
Detector
22 K
Ω
PS_ON
VSB5
Pin
SLP_S3
CPU_PRESENT
Detector
Reset
R-S Flip-Flop
Set
Q
ETC event
from HM
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com