Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 123Page - National Semiconductor (TI) PC8374L Datasheet HTML 124Page - National Semiconductor (TI) PC8374L Datasheet HTML 125Page - National Semiconductor (TI) PC8374L Datasheet HTML 126Page - National Semiconductor (TI) PC8374L Datasheet HTML 127Page - National Semiconductor (TI) PC8374L Datasheet HTML 128Page - National Semiconductor (TI) PC8374L Datasheet HTML 129Page - National Semiconductor (TI) PC8374L Datasheet HTML 130Page - National Semiconductor (TI) PC8374L Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 239 page
background image
127
www.national.com
Revision 1.1
8.0
Health Management (HM)
8.1 OVERVIEW
The PC8374L Health Management module (“HM”) is the digital component of the System Health Monitor and Control func-
tion. The analog component of this function is implemented by external LMxx Sensor devices. Communication between the
HM and an external LMxx Sensor is automatic (i.e., there is no need for user intervention/configuration) via the SensorPath
bus, working in asynchronous mode.
The HM monitors three temperature channels, five voltage channels, and four tachometer channels.
In addition, it generates three FANPWM fan drive control signals.
The temperature data, together with the tachometer data, can be used to control the FANPWM signals.
The HM automatically reads temperature and voltage data from an LMxx Sensor device. It then compares the data to the
limit data set in the Limit registers and sets the corresponding status bits.
Access to the HM is possible through a dedicated SMBus interface (HMSMBus with HMSCL and HMSDA pins) or through
the LPC interface.
The HM can automatically use one of the following four LMxx device options to supply temperature and voltage inputs:
• LM96011 provides two temperature channels (one remote diode, one ambient) and five voltage channels
• LM96011+LM95010 provides three temperature channels (one remote diode, two ambient) and five voltage channels
• LM96010 provides three temperature channels (two remote diode, one ambient) and five voltage channels
• LM96012 provides three temperature channels (two remote diode, one ambient) and no voltage channels
Note: When the LM96011, LM96010 or LM96012 is used, it should be strapped as device number 1.
When the LM95010 is used, it should be strapped as device number 2.
Figure 30 on page 128 shows the HM Block Diagram.
8.2 FUNCTIONAL DESCRIPTION
The HM functions are:
• Sensor Monitoring (voltage channels and temperature channels monitoring)
• Fan monitoring (fan speed measurements)
• Fan control (driving fans)
8.2.1
Health Management Module Access
The HM can be accessed either through the LPC Bus or through a dedicated SMBus (HMSMBus).
For access through the HMSMBus, the HM responds to SMBus transactions addressed according to the SMBus slave ad-
dress set by the HM SMBus Configuration register (see Section 3.7.12 on page 59). For the SMBus transaction protocols,
see Section 8.3 on page 140.
Access through the LPC Bus is done through the HM LPC Access registers. For more details see Section 8.4 on page 141.
Simultaneous write accesses through the LPC Bus and SMBus may cause unpredictable results. However, for simultaneous
read accesses, consistency is retained (except for the 16-bit measurement data registers, such as Fan Tachometer Reading
1-3 MSB/LSB).
8.2.2
SensorPath Bus
The HM communicates with the LMxx Sensor devices via the SensorPath bus. The HM is the bus master on the SensorPath
bus and supports asynchronous mode.
The SensorPath bus uses timing encoding based on a 360 KHz internal clock to provide the following types of bit signals
over the bus (the HM supports all five types):
• Data Bit 0
• Data Bit 1
• Start Bit
• Attention Request
• Reset
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com