Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 125Page - National Semiconductor (TI) PC8374L Datasheet HTML 126Page - National Semiconductor (TI) PC8374L Datasheet HTML 127Page - National Semiconductor (TI) PC8374L Datasheet HTML 128Page - National Semiconductor (TI) PC8374L Datasheet HTML 129Page - National Semiconductor (TI) PC8374L Datasheet HTML 130Page - National Semiconductor (TI) PC8374L Datasheet HTML 131Page - National Semiconductor (TI) PC8374L Datasheet HTML 132Page - National Semiconductor (TI) PC8374L Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
129
www.national.com
A “reset” operation on the bus can be initiated by either the HM or the LMxx Sensor devices generating a reset signal. After
VSB Power-Up reset, the HM holds the SensorPath bus low, thus resetting the bus. Then, the HM releases the reset from
the SensorPath bus. Following this, the HM is ready to respond to “attention requests” from an LMxx Sensor device.
When the HM performs a reset operation on the bus, the reset signal is followed by a sequence of 16 data bits (all 0), without
a preceding start bit. If the SensorPath bus remains in reset state (i.e., SWD is held low by an LMxx Sensor device) for more
than the maximum reset time allowed, the HM assumes that a major SensorPath bus failure occurred and proceeds accord-
ingly (see Section 8.2.10 on page 139).
When an LMxx Sensor device contains new data, it sends an attention request to the HM. The HM answers the attention
request by initiating a read transaction on the SensorPath bus.
If a SensorPath data or start bit collides with an attention request, the data or start bit is automatically resent. In addition, if
a parity or acknowledge error occurs on the first transaction attempt, two more successive attempts are made by the HM. If
the LMxx Sensor device detects an acknowledge error, it generates an attention request and sets BER bit in the Device
Status register. The HM checks BER bit in response to each attention request to determine the cause of the request.
The HM initiates read/write transactions on the SensorPath bus and supports data fields of up to 32 bits.
8.2.3
Temperature Monitoring
Temperature is monitored for three different temperature zones (or channels). The temperature data is updated and stored
as a 2’s complement, left-aligned, 8-bit data byte in the Temperature Reading Zone1-3 registers.
The following table shows the association of the LMxx temperature channels to the HM temperature channels for each pos-
sible LMxx devices setup:
When Temperature Zone3 is associated with an LM95010 device, the associated Temperature Reading Register represents
a value between -127
°C (81h) and +127°C (7Fh), with the LSBit representing a value of 1°C. For Temperature Zones 1 and
2, and for Temperature Zone3 when it is not associated with an LM95010 device, the Temperature Reading register depends
on the setting of the ZONEn_RANGE bit in the Monitor Control Register (see Section 8.5.54 on page 176).
If ZONEn_RANGE is 0, the LSBit of the Reading register represents a value of 1
°C (thus temperature values are between
-127
°C (81h) and +127°C (7Fh)). If ZONEn_RANGE bit is 1 the LSBit of the Reading register represents a value of 2°C (thus
temperature values are between -254
°C (81h) and +254°C (7Fh)); see also Figure 37 on page 158. A value of 80h always
represents a sensor error.
The temperature data can be gain- and offset-corrected with the values in the Temperature Zone ‘n’ Gain and Offset Cor-
rection registers (see Section 8.5.56 on page 178 to Section 8.5.58). The temperature gain correction in the HM can be used
to compensate the non-ideality of the thermal diodes (remote diode) connected to the LMxx Sensor devices (see the “Ap-
plication Hints” section in the respective LMxx Datasheet). The offset correction can be used to compensate the PCB trace
resistance between the remote diode and the LMxx Sensor device (see “Application Hints” in the respective LMxx
Datasheet).
The temperature data can be low-pass filtered by setting the TEMP_FILT bit in the Monitoring Control register (see
Section 8.5.54 on page 176). The rise time of the filter (0% to 95% of the incoming temperature change) is 673 ms.
The temperature data is compared with configurable low and high limits contained in the Temperature Low Limit Zone1-3
and Temperature High Limit Zone1-3 registers, respectively, and with the critical limit contained in the Temperature Critical
Limit Zone1-3 registers. The data format in the limit registers is the same as in the temperature data registers. Note that a
value of 80h must not be used as a limit value.
Whenever the temperature data exceeds a low or high limit, a ZONEn_ERR status bit is set in the Status Register 1 (see
Section 8.5.23 on page 164), and the ZONEn_STS bit in the HM Sensor Status Register 1 is set (see Section 8.4.8 on
page 147). Whenever the temperature data exceeds a critical limit, a CRITn_ERR status bit is set in the Status Register 3
(see Section 8.5.25 on page 166), and the CRITn_STS bit in the HM Sensor Status Register 3 is set (see Section 8.4.12 on
page 150).
Temperature data is considered to be in a “Good” state when the data does not exceed any limit. A “Fail” state is when the
temperature data exceeds a limit (high, low or critical).
Table 48. Temperature Channels per LMxx Device
LMxx Device Setup
Temperature Zones
Temperature Zone1
Temperature Zone2
Temperature Zone3
LM96011
LM96011 Remote
LM96011 Ambient
-
LM96011+LM95010
LM96011 Remote
LM96011 Ambient
LM95010 Ambient
LM96010
LM96010 First Remote
LM96010 Ambient
LM96010 Second Remote
LM96012
LM96012 First Remote
LM96012 Ambient
LM96012 Second Remote
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com