Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 126Page - National Semiconductor (TI) PC8374L Datasheet HTML 127Page - National Semiconductor (TI) PC8374L Datasheet HTML 128Page - National Semiconductor (TI) PC8374L Datasheet HTML 129Page - National Semiconductor (TI) PC8374L Datasheet HTML 130Page - National Semiconductor (TI) PC8374L Datasheet HTML 131Page - National Semiconductor (TI) PC8374L Datasheet HTML 132Page - National Semiconductor (TI) PC8374L Datasheet HTML 133Page - National Semiconductor (TI) PC8374L Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
130
Revision1.1
For Low/High Limit: Whenever the temperature data changes state, the associated ZONEn_EV bit in the HM Interrupt Status
Register 1 is set (see Section 8.4.4 on page 143). ZONEn_EV can be enabled by the associated ZONEn_EN bit in the HM
Interrupt Enable Register 1 (see Section 8.4.6 on page 145) to create an IRQ. ZONEn_EV can also be enabled by the associ-
ated xxx_EN bit in the HM SMI/SCI Enable Register 1 (see Section 8.4.13 on page 150) to create an SMI or SCI interrupt.
For Critical Limit: Whenever the temperature data changes state, the associated CRITn_EV bit in the HM Interrupt Status
Register 3 is set (see Section 8.4.10 on page 149). CRITn_EV can be enabled by the associated CRITn_EN bit in the HM In-
terrupt Enable Register 3 (see Section 8.4.11 on page 149) to create an IRQ. CRITn_EV can also be enabled by the associated
xxx_EN bit in the HM SMI/SCI Enable Register 3 (see Section 8.4.15 on page 152) to create an SMI or SCI interrupt.
A hysteresis of 4
°C can be applied to the limit checking by setting the TEMP_HYST bit in the Monitoring Control register
(see Section 8.5.54 on page 176) to 1.
Each of the Temperature channels can be configured as a “VDD Channel” (see Section 8.5.55 on page 177). Temperature
Zone1 is configured by default as a VDD channel. When VDD3 supply is off, all channels that are configured as VDD channels
are disabled. Monitoring for these channels is disabled and all the status bits are reset to 0, including the event bits in the
HM Interrupt Status register (see Section 8.4.4 on page 143 and Section 8.4.5). An exception is the status bits associated
with the channel critical limits (CRITn_STS), which are not reset when the VDD3 supply is off. Channels that are configured
as VDD channels are enabled 182 ms after the VDD3 supply is turned back on.
8.2.4
Voltage Monitoring
Voltage is monitored for five different voltage channels: 2.5V, Vccp (2.25V), 3.3V, 5V and 12V. The voltage data is updated
and stored as an unsigned 8-bit value in the Voltage Reading registers. The data represents a relative value. Nominal volt-
age value (2.5V for the 2.5V monitoring, 2.25V for Vccp, etc.) is represented by C0h which is 3/4 full-scale (full scale being
FFh).
The voltage data is compared with configurable low and high limits contained in the Voltage Low Limit and Voltage High
Limit registers, respectively. The data format in the limit registers is the same as in the voltage data registers.
Whenever the voltage data exceeds a limit, an xxx_ERR status bit is set in Status Register 1 and Status Register 2 (see
Section 8.5.23 on page 164 to Section 8.5.24), and an xxx_STS bit in the HM Sensor Status Register 1 and HM Sensor
Status Register 2 is set (see Section 8.4.8 on page 147 and Section 8.4.9).
Voltage data is considered to be in a “Good” state when the data does not exceed any limit. A “Fail” state is when the voltage
data exceeds a limit. Whenever the voltage data changes state, the associated xxx_EV bit in the HM Interrupt Status Reg-
ister 1 and HM Interrupt Status Register 2 is set (see Section 8.4.4 on page 143 and Section 8.4.5). xxx_EV can be enabled
to create an IRQ by the associated xxx_EN bit in the HM Interrupt Enable Register 1 and HM Interrupt Enable Register 2
(see Section 8.4.6 on page 145 and Section 8.4.7). The xxx_EV bit can also be enabled to create an SMI or SCI interrupt
by the associated xxx_EN bit in the HM SMI/SCI Enable Register 1 and HM SMI/SCI Enable Register 2 (see Section 8.4.13
on page 150 and Section 8.4.14).
A hysteresis, which is the value of the Voltage Limit register (High or Low) LSBit multiplied by 4 (see Section 8.5.54 on
page 176), can be applied to the limit checking by setting the VOLT_HYST bit in the Monitoring Control register to 1.
Each of the Voltage channels can be configured as a “VDD Channel” (see Section 8.5.55 on page 177). Vccp is configured
by default as a VDD channel. Whenever VDD3 supply is off, the channels configured as VDD channels are disabled. Monitor-
ing for these channels is disabled, and all the status bits are reset to 0, including the event bits in the HM Interrupt Status
register (see Section 8.4.4 on page 143 and Section 8.4.5). Channels that are configured as VDD channels are enabled be-
tween 91 ms and 182 ms after the VDD3 supply is turned back on.
8.2.5
Device Enumeration and HM Channel Association
The three enumeration and HM channel association stages are done in the following order:
1. Device enumeration
2. Extended device enumeration
3. HM channel association
The ready bit in the configuration register (see Section 8.5.22 on page 163) is set to 0 (not-ready) during all three stages.
In any stage, if a SensorPath transaction fails on three successive attempts, the HM assumes a communication error with
the LMxx Sensor device occurred and proceeds accordingly (see Section 8.2.10 on page 139).
Device Enumeration
The HM, after VSB3 power-up but before it is ready to respond to attention requests, performs device enumeration to identify
the LMxx Sensor devices currently connected to the SensorPath bus.
To enumerate the LMxx Sensor devices, the HM reads the Device Number register first from device number 1 and then from
device number 2. Note that a read transaction that returns device number=0h indicates a non-existent device number.
If the device enumeration fails to detect any LMxx Sensor device connected to the SensorPath bus, the HM ignores any
attention requests generated on the SensorPath bus.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com