Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 130Page - National Semiconductor (TI) PC8374L Datasheet HTML 131Page - National Semiconductor (TI) PC8374L Datasheet HTML 132Page - National Semiconductor (TI) PC8374L Datasheet HTML 133Page - National Semiconductor (TI) PC8374L Datasheet HTML 134Page - National Semiconductor (TI) PC8374L Datasheet HTML 135Page - National Semiconductor (TI) PC8374L Datasheet HTML 136Page - National Semiconductor (TI) PC8374L Datasheet HTML 137Page - National Semiconductor (TI) PC8374L Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
134
Revision1.1
The FSTLMD bit in the associated Extended FANPWM Control register (see Section 8.5.85 on page 190) selects one of the
following two options as the fan condition that enables the detection of a fan failure:
● Either a fan stalled condition or a low speed condition. (This option is recommended for Manual and Constantly On
fan control; see “Control Modes” in Section 8.2.8.)
● A fan stalled condition only. (This is recommended for Automatic fan control if SPIN_END bit in associated Extended
FANPWM Control register is set to 0; in this case, the setting of the Fan Tachometer Low Limit register indicates the
fan speed at which the spin-up is ended, and not the low limit for the fan speed; see Section 8.5.85 on page 190.)
Whenever a fan failure is detected, the FANn_STALL status bit in the Status Register 2 (see Section 8.5.24 on page 165)
and the FANn_STS bit in the HM Sensor Status Register 2 (see Section 8.4.9 on page 148) are both set to 1. A state is
associated with the fan condition: a “Good” state is when neither condition for fan failure occurs; a “Fail” state is when at
least one condition for fan failure occurs. Whenever the fan state changes, the FANn_EV bit in the HM Interrupt Status Reg-
ister 2 is set (see Section 8.4.5 on page 144). FANn_EV can be enabled to create an IRQ by the associated FANn_EN bit
in the HM Interrupt Enable Register 2 (see Section 8.4.7 on page 146). FANn_EV can also be enabled to create an SMI or
SCI interrupt by the associated xxx_EN bit in the HM SMI/SCI Enable Register 2 (see Section 8.4.13 on page 150).
All status bits and event flags are cleared and fan speed monitoring is disabled while the VDD3 power supply is off.
8.2.8
Fan Speed Control
The HM controls fan speeds by creating three FANPWMn outputs. Each output is a Pulse Width Modulation signal that can
be used to drive at least one fan. Fan speed control is active only while the VDD3 power supply is on.
Start-Up
After VDD Power-Up reset, the FANPWM outputs are kept at 0% duty cycle until one of the following occurs:
• Two seconds elapse from the time that VDD3 exists. In this case, the fans are set to the value contained in the asso-
ciated FANPWMn MAX Duty registers (see Section 8.5.82 on page 189 to Section 8.5.84).
• START bit of the Configuration registers is set (see Section 8.5.22 on page 163). In this case, the FANPWM outputs
are controlled according to the FANPWMn Control Configuration registers (see Section 8.5.76 on page 187 to
Section 8.5.78).
Control Modes
Fan speed can be controlled using one of four modes, chosen by the MODE field in the FANPWMn Control Configuration
registers (see Section 8.5.76 on page 187 to Section 8.5.78):
• Disabled - The fan is stopped.
• Constantly On - The Fan duty cycle is set to the value contained in the associated FANPWMn MAX Duty register.
• Manual - The Fan speed is set by writing the required duty cycle to the FANPWM ‘n’ Current Duty register; see
Section 8.5.17 on page 161 to Section 8.5.19. In the other three modes, these registers are RO and reflect the duty
cycle created by the HM. During spin-up, these registers return either 0 or the target duty cycle (according to the
SPIN_DUTY bit in the Extended FANPWM Control 1 register).
• Automatic - The FANPWM output is controlled by temperature data of one or more temperature zones (the MODE
field also selects the temperature zones for each FANPWM output). In Automatic mode:
— The HM implements a linear transfer function between the temperature data of the associated zones and the duty
cycle of the FANPWM output. The translation between temperature and duty cycle is done in two stages. In the first
stage the temperature is translated to unsigned normalized temperature (see Figure 31 on page 135). In the second
stage the normalized temperature is translated to a duty cycle value (see Figure 32 on page 135). The use of the
normalized temperature is essential if more than one temperature zone supplies temperature information for control-
ling the fans.
Table 52. Minimum Equivalent Fan Speed for Fan Failure Conditions
Measurement
Mode
TPPR
Low Speed Condition
Fan Stalled Condition
Speed
FAN_MIN_MSB/LSB
Setting
Speed
Condition
(TACH_HIGH/LOW = FFFFh,
or less than ‘n’ edges)
Mode 1
1 PPR
100 RPM
D2F0h
100 RPM
3 edges
2 PPR
5 edges
Mode 2
1 PPR
1300 RPM
1039h
1300 RPM
2 edges
2 PPR
650 RPM
2073h
650 RPM
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com