Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 131Page - National Semiconductor (TI) PC8374L Datasheet HTML 132Page - National Semiconductor (TI) PC8374L Datasheet HTML 133Page - National Semiconductor (TI) PC8374L Datasheet HTML 134Page - National Semiconductor (TI) PC8374L Datasheet HTML 135Page - National Semiconductor (TI) PC8374L Datasheet HTML 136Page - National Semiconductor (TI) PC8374L Datasheet HTML 137Page - National Semiconductor (TI) PC8374L Datasheet HTML 138Page - National Semiconductor (TI) PC8374L Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
135
www.national.com
— The generated duty cycle is at its minimum at the low limit of the temperature, defined by the Zone ‘n’ Temperature
Limit (see Section 8.5.63 on page 181 to Section 8.5.65). At, and below, this point the duty cycle is either 0% or an-
other minimum value (the value contained in the FANPWMn Minimum register; see Section 8.5.79 on page 189 to
Section 8.5.81). The decision to create a 0% duty-cycle or a minimum duty cycle other than 0% is made according
to the MIN_ENn bit in the Min/Off, Spike Smoothing 1 register (see Section 8.5.74 on page 186). Below this point, a
configurable hysteresis is applied by the HYSTn field in the Zone1-Zone2, Zone3 Hysteresis registers; see
Section 8.5.69 on page 183 to Section 8.5.70.
— If the temperature rises above the low limit, and the FANPWM is at 0% duty cycle, a spin-up process takes place.
During spin-up the FANPWM output duty cycle is set to the value contained in the FANPWMn MAX Duty register (see
Section 8.5.82 on page 189 to Section 8.5.84). For more information on the spin-up process see “Speed Change
Modes” on page 136.
— Between the low-limit and a temperature value of low-limit + range (range is configured by the RANGE field in the
Zone ‘n’ Auto Speed Range and FANPWM ‘n’ Frequency registers; see Section 8.5.71 on page 183 to
Section 8.5.73) the duty-cycle is changed linearly between a value of 0% and the value contained in the FANPWMn
MAX Duty register (MAX_PWM field).
The sampled temperature data from each temperature zone is low-pass filtered to prevent temperature spikes from affecting
the FANPWM output duty cycle and thus to prevent spurious speed changes of the fans (which cause unpleasant noise).
The rise time of the filter (0% to 95% of the incoming temperature change) is defined by the FILTn_EN bit and TEMP_FILTn
field in Min/Off, Spike Smoothing 1-2 registers (see Section 8.5.74 on page 186).
Figure 31. Temperature Normalization
Figure 32. Automatic Fan Control Algorithm
Temperature
Normalized
Temperature
Hysteresis
Range
0% (00h)
100% (7Fh)
Very Low
Temperature
Absolute
8 C
o
Limit
Temperature Range
Hysteresis
Very High
Temperature
Low
Limit
Temperature
Duty
Cycle
0%
MAX_PWM
Minimum
Duty Cycle
Spin-Up
All Fans at
MAX_PWM Duty Cycle
Temperature Range
Normalized
Very Low
Temperature
Low
Limit
Temperature
Very High (Absolute)
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com