Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 135Page - National Semiconductor (TI) PC8374L Datasheet HTML 136Page - National Semiconductor (TI) PC8374L Datasheet HTML 137Page - National Semiconductor (TI) PC8374L Datasheet HTML 138Page - National Semiconductor (TI) PC8374L Datasheet HTML 139Page - National Semiconductor (TI) PC8374L Datasheet HTML 140Page - National Semiconductor (TI) PC8374L Datasheet HTML 141Page - National Semiconductor (TI) PC8374L Datasheet HTML 142Page - National Semiconductor (TI) PC8374L Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
139
www.national.com
Figure 36. Event Notification for LPC
8.2.10 Enhanced Thermal Control (ETC)
The Enhanced Thermal Control function generates an internal ETC signal for the Glue module. The assertion edge of this
signal turns off the Main power supply (VDD3) via the PS_ON pin.
The ETC function is controlled by the following events:
• The temperature data value in Temperature Zone1 is higher than the critical limit set in the Temperature Critical Limit
Zone1 register.
• A communication error with Device 1 (LM96011 or LM96010 or LM96012) occurs.
• A major SensorPath Bus failure is detected.
An asserted ETC signal turns off the Main power supply. The resulting ETC signal is deasserted when the VDD3 power
is off and remains deasserted until both of the following conditions are met:
• The delay time (182 ms) for enabling VDD channels (see Section 8.5.55 on page 177) after the VDD3 power is turned
on has elapsed.
• The temperature data in Temperature Zone1 was updated with a new value by the LMxx Sensor device
If the temperature data from Device 1 (LM96011 or LM96010 or LM96012) is not updated for 728 ms after VDD3 power is on (see
“Time-Out Function” on page 133), the HM assumes a communication error with the LMxx Sensor device occurred and asserts
ETC.
The ETC is enabled by the ETC_EN bit in the Enhanced Thermal Control Register (see Section 8.5.59 on page 179).
8.2.11 General Configuration
The Configuration register (see Section 8.5.22 on page 163) contains control bits for several general configuration options:
• Disable SMBus write access to the HM registers (SMBR bit).
• Override fan control setting and set all FANPWM outputs to the value contained in the associated FANPWMn MAX
Duty registers (OVRID bit).
• Lock some of the configuration registers (LOCK bit).
• Start command for the monitoring functions and FANPWM control functions (START).
Event
Change
Detector
Interrupt
Enable
Internal
Bus
Write 1 to Clear
Status
R/W
Reset
Set
Read
Event
(_EV)
Status
R/W
Sensor
(_STS)
State
HMINT_STS1-3 Registers
HMSENS_STS1-3 Registers
(_EN)
SMI/SCI
Enable
R/W
(_EN)
HMINT_EN1-3 Registers
HMS_EN1-3 Registers
From Other
Enabled Events
Limit Events
From Other Enabled
SIOPME
SMI
LIMIT_EV
_2SMI/SCI
R/W
SMI/SCI_ROUT Register
State
Events
Critical
IRQ
to SCI
Events
Critical
to SMI
Events
Limit
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com