Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 137Page - National Semiconductor (TI) PC8374L Datasheet HTML 138Page - National Semiconductor (TI) PC8374L Datasheet HTML 139Page - National Semiconductor (TI) PC8374L Datasheet HTML 140Page - National Semiconductor (TI) PC8374L Datasheet HTML 141Page - National Semiconductor (TI) PC8374L Datasheet HTML 142Page - National Semiconductor (TI) PC8374L Datasheet HTML 143Page - National Semiconductor (TI) PC8374L Datasheet HTML 144Page - National Semiconductor (TI) PC8374L Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
141
www.national.com
8.4 HM LPC ACCESS REGISTERS
The HM LPC Access Registers, described in this section, can be accessed by the host through the LPC Bus. The offsets of
these registers are related to the base address determined by the Base Address registers at Index 60-61h in the HM device
configuration (see Section 3.15 on page 79).
The following abbreviations are used to indicate the register type:
• R/W
= Read/Write.
• RO
= Read-Only.
• WO
= Write-Only. Reading from the bit returns 0.
• R/W1C =Read/Write 1 to Clear. Writing 1 to a bit clears it. Writing 0 has no effect.
Read/Write Operations
The HM registers are used for write and read accesses as follows:
• Write operation:
1. Poll HMSTS.BUSY bit until it is 0.
2. Write the address (index) of the target HM register to HMADDR register.
3. Write the data value to HMDATA register. In response HMSTS.BUSY is set.
4. The transaction is completed when HMSTS.BUSY returns to 0.
• Read operation:
1. Poll HMSTS.BUSY bit until it is 0.
2. Write the address (index) of the target HM register to HADDR register.
3. Set HMSTS.STRT_RD to initiate read transaction. In response HMSTS.BUSY is set.
4. Poll HMSTS.BUSY bit until it is 0.
5. Read HMDATA register.
Table 53. HM LPC Access Registers
Offset
Mnemonic
Name
Type
Power
Well
Section
00h
HMADDR
HM Address Register
R/W
VDD3
8.4.1
01h
HMDATA
HM Data Register
R/W
VDD3
8.4.2
02h
HMSTS
HM Status and Command Register
Varies per bit
VDD3
8.4.3
03h
HMINT_STS1
HM Interrupt Status Register 1
R/W1C
VSB3
8.4.4
04h
HMINT_STS2
HM Interrupt Status Register 2
R/W1C
VSB3
8.4.5
05h
HMINT_EN1
HM Interrupt Enable Register 1
R/W
VDD3
8.4.6
06h
HMINT_EN2
HM Interrupt Enable Register 2
R/W
VDD3
8.4.7
07h
HMSENS_STS1 HM Sensor Status Register 1
RO
VSB3
8.4.8
08h
HMSENS_STS2 HM Sensor Status Register 2
RO
VSB3
8.4.9
09h
HMINT_STS3
HM Interrupt Status Register 3
R/W1C
VSB3
8.4.10
0Ah
HMINT_EN3
HM Interrupt Enable Register 3
R/W
VDD3
8.4.11
0Bh
HMSENS_STS3 HM Sensor Status Register 3
RO
VSB3
8.4.12
0Ch
HMS_EN1
HM SMI/SCI Enable Register 1
R/W
VSB3
8.4.13
0Dh
HMS_EN2
HM SMI/SCI Enable Register 2
R/W
VSB3
8.4.14
0Eh
HMS_EN3
HM SMI/SCI Enable Register 3
R/W
VSB3
8.4.15
0Fh
SMI/SCI_ROUT Alarms to SMI/SCI Routing Register
R/W
VSB3
8.4.16
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com