Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 138Page - National Semiconductor (TI) PC8374L Datasheet HTML 139Page - National Semiconductor (TI) PC8374L Datasheet HTML 140Page - National Semiconductor (TI) PC8374L Datasheet HTML 141Page - National Semiconductor (TI) PC8374L Datasheet HTML 142Page - National Semiconductor (TI) PC8374L Datasheet HTML 143Page - National Semiconductor (TI) PC8374L Datasheet HTML 144Page - National Semiconductor (TI) PC8374L Datasheet HTML 145Page - National Semiconductor (TI) PC8374L Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
142
Revision1.1
8.4.1
HM Address Register (HMADDR)
Power Well: VDD3
Location:
Offset 00h
Type:
R/W
8.4.2
HM Data Register (HMDATA)
Power Well: VDD3
Location:
Offset 01h
Type:
R/W
8.4.3
HM Status and Command Register (HMSTS)
Power Well: VDD3
Location:
Offset 02h
Type:
Varies per bit
Bit
76543210
Name
ADDR
Reset
0
0
0
00000
Bit
Description
7-0
ADDR. Address of the HM register to be accessed (valid addresses appear in the address column in Table 54 on
page 153). An exception are the Status Register 1-3 (addresses 41h, 42h and 73h respectively), which are disabled
for access by LPC bus (reserved). Read access to reserved or undefined registers (not a valid address) returns 0.
Write access to reserved or undefined registers is ignored.
ADDR field can be updated only when the BUSY bit in HMSTS register (see Section 8.4.3 on page 142) is 0; oth-
erwise, the transaction will have unpredictable results
Bit
76543210
Name
DATA
Reset
00000000
Bit
Description
7-0
DATA. Data to be read or written from/to the accessed HM register, whose address is ADDR in HMADDR register.
Writing to this register automatically triggers the access to the HM register.
Writing the DATA field while the BUSY bit in HMSTS register is 1 is ignored; reading the DATA field while the BUSY
bit is 1 returns unpredictable data.
Bit
76543210
Name
Reserved
START_RD
BUSY
Reset
00000000
Bit
Type
Description
7-2
Reserved.
1WO
START_RD. Writing 1 to this bit initiates a read access from the HM register with address HMADDR.AD-
DR. Writing 1 to START_RD is allowed only when BUSY bit is 0; otherwise, the write can have unpredict-
able results.
0RO
BUSY. HM Interface busy.
0: HMDATA register contains valid read data or HM is ready for write access
1: HM is busy
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com