Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 136Page - National Semiconductor (TI) PC8374L Datasheet HTML 137Page - National Semiconductor (TI) PC8374L Datasheet HTML 138Page - National Semiconductor (TI) PC8374L Datasheet HTML 139Page - National Semiconductor (TI) PC8374L Datasheet HTML 140Page - National Semiconductor (TI) PC8374L Datasheet HTML 141Page - National Semiconductor (TI) PC8374L Datasheet HTML 142Page - National Semiconductor (TI) PC8374L Datasheet HTML 143Page - National Semiconductor (TI) PC8374L Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
140
Revision1.1
When the START bit in Configuration register is 0, sensor monitoring is disabled. However, following VSB3 power-up, and after
the READY bit becomes 1, Temperature Zone1 is monitored regardless of the state of the START bit. If the temperature data
of Temperature Zone1 is above the default value of the Temperature Critical Limit Zone1 register (+110
°C), ETC is asserted
turning the Main power supply off. In addition, the CRIT1_ERR bit in Status Register 3 is set to 1. This feature protects the CPU
from overheating at VSB3 power-up before the HM is configured by the software for the first time.
The LOCK_LIM bit in the Monitoring Control Register (see Section 8.5.54 on page 176) can lock the Limit registers.
8.3 HM SMBUS ACCESS
This section describes the SMBus transactions protocol used by the HM (see also Section 8.2.1 on page 127).
8.3.1
Write Transaction
This transaction writes a byte of data to an HM register. The specific register is accessed using an 8-bit offset address.
8.3.2
Read Transaction
This transaction reads a byte of data from an HM register. The specific register is accessed using an 8-bit offset address.
This transaction is executed in two stages:
1. The master executes an SMBus write transaction, which conveys the Offset Address information to the HM. During this
stage, the data is read from the specific register into a read buffer. This stage has no Stop condition.
2. Following a Restart condition, the master executes an SMBus read transaction. During this stage the data is transferred
from the read buffer to the master.
P
Slave Address
Offset Address
Data
(S.A, Write)
(OA7-OA0)
(Command)
S
A
A
A
= Start condition
= ACK by slave
S
A
= Stop condition
P
P
Slave Address
Data
(S.A, Write)
(
Command)
S
A
A
N
= Start condition
= Restart condition
S
= Stop condition
P
Slave Address
(S.A, Read)
R
A
= ACK by slave
A
R
A = ACK by master
N
= NACK by master
Offset Address
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com