Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 133Page - National Semiconductor (TI) PC8374L Datasheet HTML 134Page - National Semiconductor (TI) PC8374L Datasheet HTML 135Page - National Semiconductor (TI) PC8374L Datasheet HTML 136Page - National Semiconductor (TI) PC8374L Datasheet HTML 137Page - National Semiconductor (TI) PC8374L Datasheet HTML 138Page - National Semiconductor (TI) PC8374L Datasheet HTML 139Page - National Semiconductor (TI) PC8374L Datasheet HTML 140Page - National Semiconductor (TI) PC8374L Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
137
www.national.com
Figure 33. Soft Spin-Up and Soft Speed-Up Example
Figure 34. Soft Slow-Down and Soft Stop Example
Other Features
The FANPWM frequency is configured by the FREQ field in the Zone ‘n’ Auto Speed Range and FANPWMn Frequency reg-
isters.
The FANPWM signal polarity (whether 0% duty-cycle represents a low-level or a high-level signal) is configured by INV bit
in the FANPWMn Control Configuration registers (see Section 8.5.76 on page 187). INV bit is write-only; its value is reflected
in the respective FANOUTn_INV bit in the HMCFG1 register (see Section 3.15.3 on page 79), which is read-only.
FANOUTn_INV bit is powered by VBAT, thus preserving the polarity of the FANPWM signal during power failures (i.e., when
VSB3 power is off).
Duty Cycle
Time
85%
35%
20
21
22
12
13
23
23
Spin-up end by speed
Spin-up end by time
Minimum
Duty Cycle
Soft Speed-Up
Cycle “a”
0%
1
10
11
Duty
19
13
14
12
26
27
25
16
24
15
13
(PWM_MIN)
24
25
Time
85%
57%
Soft Slow-Down
Soft Stop
0%
Cycle “a”
Duty
8
9
1
6
7
17
18
16
Cycle “b”
Duty
20
21
19
23
22
24
27
26
25
Duty
Cycle
18.75%
Minimum Duty Cycle (PWM_MIN)
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com