Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 121Page - National Semiconductor (TI) PC8374L Datasheet HTML 122Page - National Semiconductor (TI) PC8374L Datasheet HTML 123Page - National Semiconductor (TI) PC8374L Datasheet HTML 124Page - National Semiconductor (TI) PC8374L Datasheet HTML 125Page - National Semiconductor (TI) PC8374L Datasheet HTML 126Page - National Semiconductor (TI) PC8374L Datasheet HTML 127Page - National Semiconductor (TI) PC8374L Datasheet HTML 128Page - National Semiconductor (TI) PC8374L Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 239 page
background image
7.0 Glue Functions (Continued)
Revision 1.1
125
www.national.com
7.2.7
Hard-Disk LED Indicator Control
This function generates the HD_LED signal, which controls the Hard Drive, red LED indicator.
The Hard Drive LED is turned on by an active low HD_LED signal, generated when at least one of the PRIMARY_HD or
SECONDARY_HD or SCSI pins is active (low).
Figure 27 shows a simplified diagram of the circuit that generates the HD_LED signal.
Figure 27. HD_LED Generation (Simplified Diagram)
7.2.8
SMBus Voltage Translation
This function performs “passive” level translation between the VDD3-powered (or 2.5V-powered) CC_DDCSCL and
CC_DDCSDA signals and the VDD5-powered 5V_DDCSCL and 5V_DDCSDA signals, respectively, for interfacing the Data
Display Channel.
The signals connected to the CC_DDCSCL, CC_DDCSDA, 5V_DDCSCL and 5V_DDCSDA pins are compatible with Intel's
SMBus (Specification Rev 1.1, Dec. 11, 1998) two-wire synchronous serial interface specifications.
The CC_DDCSCL and 5V_DDCSCL pins are connected through a switch. This switch is controlled by a Level Translation
Control circuit, according to the voltage levels at the CC_DDCSCL and 5V_DDCSCL pins (for the DC characteristics, see
Section 10.2.12 on page 216):
● For V
IN <VISC at either pin, the switch is closed; therefore, both pins (CC_DDCSCL, and 5V_DDCSCL) are held at
low level.
● For V
IN >VISO at both pins, the switch is open; therefore, each pin is pulled up to high level by the external resistor
connected to VDD3 or VDD25 (2.5V Main Power) (for the CC_DDCSCL pin) and to VDD5 (for the 5V_DDCSCL pin).
In addition, when the VDD3 power is off, the switch is open, regardless of the voltage levels at the CC_DDCSCL and
5V_DDCSCL pins.
The CC_DDCSDA and 5V_DDCSDA pins are connected through a similar level translation circuit and behave like
CC_DDCSCL and 5V_DDCSCL.
Figure 28 shows simplified a diagram of the circuit that performs SMBus voltage translation.
Figure 28. SMBus Voltage Translation for VDD3 Tolerant Chipset Cluster (Simplified Diagram)
220
Ω
HD_LED
VDD3
Pin
SCSI
PRIMARY_HD
LED
SECONDARY_HD
2.2 K
Ω
5V_DDCSnn
VDD5
Pin
4.7 K
Ω
CC_DDCSnn
VDD3 or VDD25
Pin
Snn = SCL or SDA
S
Level
Control
Translation
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com