Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 111Page - National Semiconductor (TI) PC8374L Datasheet HTML 112Page - National Semiconductor (TI) PC8374L Datasheet HTML 113Page - National Semiconductor (TI) PC8374L Datasheet HTML 114Page - National Semiconductor (TI) PC8374L Datasheet HTML 115Page - National Semiconductor (TI) PC8374L Datasheet HTML 116Page - National Semiconductor (TI) PC8374L Datasheet HTML 117Page - National Semiconductor (TI) PC8374L Datasheet HTML 118Page - National Semiconductor (TI) PC8374L Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 239 page
background image
6.0 General-Purpose Input/Output (GPIO) Ports (Continued)
Revision 1.1
115
www.national.com
6.4 GPIO PORT REGISTERS
The following abbreviations are used to indicate the Register Type:
● R/W
= Read/Write.
● R
= Read from register (data written to this address is sent to a different register).
● W
= Write (see above).
● RO
= Read-only.
● WO
= Write-only. Reading from the bit returns 0.
● R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
● R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
6.4.1
GPIO Pin Configuration Registers Structure
For each GPIO Port, there is a group of eight identical sets of configuration registers. Each set is associated with one GPIO
pin. The entire group is mapped to the PnP configuration space. The mapping scheme is based on the GPSEL register (see
Section 3.14.3 on page 75), which functions as an index register for the pin, and the selected GPCFG1, GPEVR and GPCFG2
registers, which reflect the configuration of the currently selected pin (see Table 43). All of these registers are VSB3 powered.
6.4.2
GPIO Port Runtime Register Map
All of these registers are VSB3 powered.
Table 43. GPIO Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
F0h
GPIO Pin Select register (GPSEL)
R/W
VSB3
00h
F1h
GPIO Pin Configuration register 1 (GPCFG1)
Varies per bit
VSB3
40h
F2h
GPIO Pin Event Routing register (GPEVR)
R/W or RO
VSB3
01h
F3h
GPIO Pin Configuration register 2 (GPCFG2)
R/W or RO
VSB3
00h
F8h
GPIO Mode Select register (GPMODE)
R/W or RO
VSB3
01h
Table 44. GPIO Port Runtime Register Map
Offset
Mnemonic
Register Name
Type
Power Well Reset
Section
SEPDIO1 =1
1. See Section 3.14.7 on page 78.
SEPDIO = 0
Device specific2
2. The location of this register is defined in Section 3.14.1 on page 73.
GPDO
GPIO Data Out
R/W
RO
VSB3
FFh
6.4.3
Device specific2
GPDI
GPIO Data In
RO
RO
VSB3
−
6.4.4
Device specific2
GPEVEN
GPIO Event Enable
R/W
RO
VSB3
00h
6.4.5
Device specific2
GPEVST
GPIO Event Status
R/W1C
RO
VSB3
00h
6.4.6
Device specific2
GPDIO
GPIO Data In/Out
R/W
R/W
VSB3
FFh3
3. The data read from this register after reset is undefined.
6.4.7
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com