Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 143Page - National Semiconductor (TI) PC8374L Datasheet HTML 144Page - National Semiconductor (TI) PC8374L Datasheet HTML 145Page - National Semiconductor (TI) PC8374L Datasheet HTML 146Page - National Semiconductor (TI) PC8374L Datasheet HTML 147Page - National Semiconductor (TI) PC8374L Datasheet HTML 148Page - National Semiconductor (TI) PC8374L Datasheet HTML 149Page - National Semiconductor (TI) PC8374L Datasheet HTML 150Page - National Semiconductor (TI) PC8374L Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
147
www.national.com
8.4.8
HM Sensor Status Register 1 (HMSENS_STS1)
Sensor status register 1.
Note: All status bits in this register are reset when START bit of the Configuration register is reset.
Power Well: VSB3
Location:
Offset 07h
Type:
RO
Bit
76543210
Name
Reserved
ZONE3_STS ZONE2_STS ZONE1_STS
5V_STS
3.3V_STS
Vccp_STS
2.5V_STS
Reset
00000000
Bit
Description
7
Reserved.
6
ZONE3_STS. Is set to 1 when the temperature of Temperature Zone3 exceeds the limits.
0: Temperature does not exceed any respective limit (default)
1: Temperature exceeds a respective limit
5
ZONE2_STS. Is set to 1 when the temperature of Temperature Zone2 exceeds the limits.
0: Temperature does not exceed any respective limit (default)
1: Temperature exceeds a respective limit
4
ZONE1_STS. Is set to 1 when the temperature of Temperature Zone1 exceeds the limits.
0: Temperature does not exceed any respective limit (default)
1: Temperature exceeds a respective limit
3
5V_STS. Is set to 1 when 5V input voltage exceeds the limits.
0: Voltage does not exceed any respective limit (default)
1: Voltage exceeds a respective limit
2
3.3V_STS. Is set to 1 when 3.3V input voltage exceeds the limits.
0: Voltage does not exceed any respective limit (default)
1: Voltage exceeds a respective limit
1
Vccp_STS. Is set to 1 when Vccp input voltage exceeds the limits.
0: Voltage does not exceed any respective limit (default)
1: Voltage exceeds a respective limit
0
2.5V_STS. Is set to 1 when 2.5V input voltage exceeds the limits.
0: Voltage does not exceed any respective limit (default)
1: Voltage exceeds a respective limit
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com