Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 145Page - National Semiconductor (TI) PC8374L Datasheet HTML 146Page - National Semiconductor (TI) PC8374L Datasheet HTML 147Page - National Semiconductor (TI) PC8374L Datasheet HTML 148Page - National Semiconductor (TI) PC8374L Datasheet HTML 149Page - National Semiconductor (TI) PC8374L Datasheet HTML 150Page - National Semiconductor (TI) PC8374L Datasheet HTML 151Page - National Semiconductor (TI) PC8374L Datasheet HTML 152Page - National Semiconductor (TI) PC8374L Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
149
www.national.com
8.4.10 HM Interrupt Status Register 3 (HMINT_STS3)
Event status register 3.
Note: All status bits in this register are reset when START bit of the Configuration register is reset.
Power Well: VSB3
Location:
Offset 09h
Type:
R/W1C
8.4.11 HM Interrupt Enable Register 3(HMINT_EN3)
Interrupt enable register 3.
Power Well: VDD3
Location:
Offset 0Ah
Type:
R/W
Bit
76543210
Name
Reserved
CRIT3_EV
CRIT2_EV
CRIT1_EV
Reset
00000000
Bit
Description
7-3
Reserved.
2
CRIT3_EV. Is set to 1 when a Temperature Zone3 critical monitoring event occurs.
0: No critical temperature state change from the last time this bit was cleared (default)
1: Critical temperature state changed from the last time this bit was cleared
1
CRIT2_EV. Is set to 1 when a Temperature Zone2 critical monitoring event occurs.
0: No critical temperature state change from the last time this bit was cleared (default)
1: Critical temperature state changed from the last time this bit was cleared
0
CRIT1_EV. Is set to 1 when a Temperature Zone1 critical monitoring event occurs.
0: No critical temperature state change from the last time this bit was cleared (default)
1: Critical temperature state changed from the last time this bit was cleared
Bit
76543210
Name
Reserved
CRIT3_EN
CRIT2_EN
CRIT1_EN
Reset
0
0
0
0
0
0
0
0
Bit
Description
7-3
Reserved.
2
CRIT3_EN. When set to 1, enables IRQ generation on setting of CRIT3_EV of HMINT_STS3 register.
0: Disable IRQ (default)
1: Enable IRQ
1
CRIT2_EN. When set to 1, enables IRQ generation on setting of CRIT2_EV of HMINT_STS3 register.
0: Disable IRQ (default)
1: Enable IRQ
0
CRIT1_EN. When set to 1, enables IRQ generation on setting of CRIT1_EV of HMINT_STS3 register.
0: Disable IRQ (default)
1: Enable IRQ
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com