Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 148Page - National Semiconductor (TI) PC8374L Datasheet HTML 149Page - National Semiconductor (TI) PC8374L Datasheet HTML 150Page - National Semiconductor (TI) PC8374L Datasheet HTML 151Page - National Semiconductor (TI) PC8374L Datasheet HTML 152Page - National Semiconductor (TI) PC8374L Datasheet HTML 153Page - National Semiconductor (TI) PC8374L Datasheet HTML 154Page - National Semiconductor (TI) PC8374L Datasheet HTML 155Page - National Semiconductor (TI) PC8374L Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
152
Revision1.1
8.4.15 HM SMI/SCI Enable Register 3(HMS_EN3)
SMI/SCI enable register 1.
Power Well: VSB3
Location:
Offset 0Eh
Type:
R/W
8.4.16 Events to SMI/SCI Routing Register (SMI/SCI_ROUT)
Power Well: VSB3
Location:
0Fh
Type:
R/W
Bit
76543210
Name
Reserved
CRIT3_EN
CRIT2_EN
CRIT1_EN
Reset
0
0
0
0
0
0
0
0
Bit
Description
7-3
Reserved.
2
CRIT3_EN. When set to 1, enables SMI/SCI generation on setting of CRIT3_EV of HMINT_STS3 register.
0: Disable SMI/SCI (default)
1: Enable SMI/SCI
1
CRIT2_EN. When set to 1, enables SMI/SCI generation on setting of CRIT2_EV of HMINT_STS3 register.
0: Disable SMI/SCI (default)
1: Enable SMI/SCI
0
CRIT1_EN. When set to 1, enables SMI/SCI generation on setting of CRIT1_EV of HMINT_STS3 register.
0: Disable SMI/SCI (default)
1: Enable SMI/SCI
Bit
76543210
Name
Reserved
CRIT_EV_
2SMI/SCI
LIMIT_EV_
2SMI/SCI
Reset
0
0000000
Bit
Description
7-2
Reserved.
1
CRIT_EV_2SMI/SCI (Critical Events to SMI or SCI). Enables critical events to generate an SMI or SCI interrupt
for the following events when the respective bits in the HMS_EN1-3 registers are set: FAN1-4_EV, RD_EV,
DEV1_EV, DEV2_EV of HMINT_STS2 register, CRIT1-3_EV of HMINT_STS3 register.
0: SMI is generated
1: SCI (SIOPME) is generated
0
LIMIT_EV_2SMI/SCI (Limit Events to SMI or SCI). Enables limit events to generate an SMI or SCI interrupt for
the following events when the respective bits in the HMS_EN1-3 registers are set: 2.5V_EV, Vccp_EV, 3.3V_EV,
5V_EV, ZONE1-3_EV of HMINT_STS1 register, 12V_EV of HMINT_STS2.
0: SMI is generated
1: SCI (SIOPME) is generated
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com