Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 151Page - National Semiconductor (TI) PC8374L Datasheet HTML 152Page - National Semiconductor (TI) PC8374L Datasheet HTML 153Page - National Semiconductor (TI) PC8374L Datasheet HTML 154Page - National Semiconductor (TI) PC8374L Datasheet HTML 155Page - National Semiconductor (TI) PC8374L Datasheet HTML 156Page - National Semiconductor (TI) PC8374L Datasheet HTML 157Page - National Semiconductor (TI) PC8374L Datasheet HTML 158Page - National Semiconductor (TI) PC8374L Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
155
www.national.com
6Ah
Zone1 Absolute Temperature Limit
R/W or RO3
8.5.66
6Bh
Zone2 Absolute Temperature Limit
R/W or RO3
8.5.67
6Ch
Zone3 Absolute Temperature Limit
R/W or RO3
8.5.68
6Dh
Zone1, Zone2 Hysteresis
R/W or RO3
8.5.69
6Eh
Zone3 Hysteresis
R/W or RO3
8.5.70
6Fh
Tach PWM Association
R/W
8.5.62
70h
FANPWM1 Maximum Duty
R/W or RO3
8.5.82
71h
FANPWM2 Maximum Duty
R/W or RO3
8.5.83
72h
FANPWM3 Maximum Duty
R/W or RO3
8.5.84
73h
Status Register 3
RO
8.5.25
74h
Status Register 4
RO
8.5.26
75h
Monitoring Control
R/W or RO3
8.5.54
76h
Extended FANPWM Control 1
R/W or RO3
8.5.85
77h
Extended FANPWM Control 2
R/W or RO3
8.5.86
78h
Tachometer Monitoring Control
R/W or RO3
8.5.61
79h
Channels VDD Configuration
R/W or RO3
8.5.55
7Ah
Temperature Critical Limit Zone1
R/W or RO2
8.5.51
7Bh
Temperature Critical Limit Zone1
R/W or RO2
8.5.52
7Ch
Temperature Critical Limit Zone2
R/W or RO2
8.5.53
7Dh
Temperature Zone1 Gain and Offset Correction
R/W or RO3
8.5.56
7Eh
Temperature Zone2 Gain and Offset Correction
R/W or RO3
8.5.57
7Fh
Temperature Zone3 Gain and Offset Correction
R/W or RO3
8.5.58
80h
Enhanced Thermal Control
R/W or RO3
8.5.59
81h-FFh
Reserved
1. Read-only, when fan control is not in manual mode.
2. Locked by the LOCK_LIM bit in the Monitoring Control register.
3. Locked by the LOCK bit in the Configuration register.
Address
Register Name
Type
Section
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com