Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 154 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 154 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 150Page - National Semiconductor (TI) PC8374L Datasheet HTML 151Page - National Semiconductor (TI) PC8374L Datasheet HTML 152Page - National Semiconductor (TI) PC8374L Datasheet HTML 153Page - National Semiconductor (TI) PC8374L Datasheet HTML 154Page - National Semiconductor (TI) PC8374L Datasheet HTML 155Page - National Semiconductor (TI) PC8374L Datasheet HTML 156Page - National Semiconductor (TI) PC8374L Datasheet HTML 157Page - National Semiconductor (TI) PC8374L Datasheet HTML 158Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
154
Revision1.1
49h
Voltage High Limit 3.3V
R/W or RO2
8.5.32
4Ah
Voltage Low Limit 5V
R/W or RO2
8.5.33
4Bh
Voltage High Limit 5V
R/W or RO2
8.5.34
4Ch
Voltage Low Limit 12V
R/W or RO2
8.5.35
4Dh
Voltage High Limit 12V
R/W or RO2
8.5.36
4Eh
Temperature Low Limit Zone1
R/W or RO2
8.5.37
4Fh
Temperature High Limit Zone1
R/W or RO2
8.5.38
50h
Temperature Low Limit Zone2
R/W or RO2
8.5.39
51h
Temperature High Limit Zone2
R/W or RO2
8.5.40
52h
Temperature Low Limit Zone3
R/W or RO2
8.5.41
53h
Temperature High Limit Zone3
R/W or RO2
8.5.42
54h
Fan Tachometer1 Low Limit LSB
R/W or RO2
8.5.43
55h
Fan Tachometer1 Low Limit MSB
R/W or RO2
8.5.44
56h
Fan Tachometer2 Low Limit LSB
R/W or RO2
8.5.45
57h
Fan Tachometer2 Low Limit MSB
R/W or RO2
8.5.46
58h
Fan Tachometer3 Low Limit LSB
R/W or RO2
8.5.47
59h
Fan Tachometer3 Low Limit MSB
R/W or RO2
8.5.48
5Ah
Fan Tachometer4 Low Limit LSB
R/W or RO2
8.5.49
5Bh
Fan Tachometer4 Low Limit MSB
R/W or RO2
8.5.50
5Ch
FANPWM1 Control Configuration
R/W or RO3
8.5.76
5Dh
FANPWM2 Control Configuration
R/W or RO3
8.5.77
5Eh
FANPWM3 Control Configuration
R/W or RO3
8.5.78
5Fh
Zone1 Auto Speed Range and FANPWM1 Frequency
R/W or RO3
8.5.71
60h
Zone2 Auto Speed Range and FANPWM2 Frequency
R/W or RO3
8.5.72
61h
Zone3 Auto Speed Range and FANPWM3 Frequency
R/W or RO3
8.5.73
62h
Min/Off, Spike Smoothing 1
R/W or RO3
8.5.74
63h
Min/Off, Spike Smoothing 2
R/W or RO3
8.5.75
64h
FANPWM1 Minimum
R/W or RO3
8.5.79
65h
FANPWM2 Minimum
R/W or RO3
8.5.80
66h
FANPWM3 Minimum
R/W or RO3
8.5.81
67h
Zone1 Temperature Limit
R/W or RO3
8.5.63
68h
Zone2 Temperature Limit
R/W or RO3
8.5.64
69h
Zone3 Temperature Limit
R/W or RO3
8.5.65
Address
Register Name
Type
Section
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com