Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 154Page - National Semiconductor (TI) PC8374L Datasheet HTML 155Page - National Semiconductor (TI) PC8374L Datasheet HTML 156Page - National Semiconductor (TI) PC8374L Datasheet HTML 157Page - National Semiconductor (TI) PC8374L Datasheet HTML 158Page - National Semiconductor (TI) PC8374L Datasheet HTML 159Page - National Semiconductor (TI) PC8374L Datasheet HTML 160Page - National Semiconductor (TI) PC8374L Datasheet HTML 161Page - National Semiconductor (TI) PC8374L Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
158
Revision1.1
No
Yes
Figure 37. Temperature Data Translation from LMxx Device to HM Temperature Zone Registers
t = numerical value of LM96011/LM96010/LM96012 format temperature data
LMxx Readout register data: LM96011/LM96010/LM96012, 16-bit format temperature data
HM Temperature Reading Zone ‘n’ data: HM, TEMP_DATA field, 8-bit format temperature data
t>=127?
HMTEMP_DATA=7Fh
t<=-127?
Yes
HMTEMP_DATA=81h
No
HMTEMP_DAT7-0=LMDATA14-7
15
MSB
14
13
12
11
10
9
8
128
°C64°C32°C16°C8°C4°C2°C
Active bits
7
1
°C
65
4
321
0
0.5
°C 0
00
00
0
7
65
4
321
0
MSB
1
°C
2
°C
4
°C
8
°C
16
°C
32
°C
64
°C
Sensor Error?
Sensor is
HMTEMP_DATA=80h
Yes
No
Remote Diode?
Yes
No
Device is
LM95010?
HMTEMP_DAT7-0=LMDATA15-8
Yes
Zone_Range=1?
Resolution=1
°C
HMTEMP_DAT7-0=LMDATA15-8
Resolution=2
°C
No
Yes
No
Resolution=1
°C
Resolution=1
°C
Resolution=1
°C
7
65
4
321
0
MSB
2
°C
4
°C
8
°C
16
°C
32
°C
64
°C
128
°C
ZONEn_RANGE = 0
ZONEn_RANGE = 1
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com