Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 155Page - National Semiconductor (TI) PC8374L Datasheet HTML 156Page - National Semiconductor (TI) PC8374L Datasheet HTML 157Page - National Semiconductor (TI) PC8374L Datasheet HTML 158Page - National Semiconductor (TI) PC8374L Datasheet HTML 159Page - National Semiconductor (TI) PC8374L Datasheet HTML 160Page - National Semiconductor (TI) PC8374L Datasheet HTML 161Page - National Semiconductor (TI) PC8374L Datasheet HTML 162Page - National Semiconductor (TI) PC8374L Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
159
www.national.com
8.5.7
Temperature Reading Zone2
Reflects current Zone2 temperature.
Location: 26h
Type:
RO
8.5.8
Temperature Reading Zone3
Reflects current Zone3 temperature.
Location: 27h
Type:
RO
8.5.9
Fan Tachometer Reading 1 LSB
Contains the number of 90 KHz clock cycles during a full fan revolution, LSB byte.
Location: 28h
Type:
RO
Bit
76543210
Name
TEMP_DATA
Reset
0
0
0
0
0
0
0
0
Bit
Description
7-0
TEMP_DATA. Same as TEMP_DATA of Temperature Reading Zone1 register, but for Zone2.
Bit
76543210
Name
TEMP_DATA
Reset
00000000
Bit
Description
7-0
TEMP_DATA. Same as TEMP_DATA of Temperature Reading Zone1 register, but for Zone3. Also, if only an
LM96011 device is connected to the SensorPath Bus and an optional LM95010 device is not present, this field
shows a value of 80h.
Bit
76543210
Name
TACH_LOW
Reset
11111111
Bit
Description
7-0
TACH_LOW. The low byte of 90 KHz clock cycles during a full fan revolution of Fan Tachometer 1. If the fan is
not spinning, the fan is spinning-up or there is a speed measurement error, the value returned in the MSByte and
LSByte, together, is FFFFh.
Note that correct results depend on using fans that produce two tachometer pulses per full revolution or one
pulse per fan revolution (configured by the TPPR1 bit in the Tachometer Monitoring Control register; see
Section 8.5.61 on page 180).
Whenever TACH_LOW register is read, the high byte of the tachometer Reading (TACH_HIGH) is latched to
save the current fan speed value until TACH_HIGH register is read. Therefore, TACH_LOW must be read first
and TACH_HIGH must be read immediately after. Note that internally, only one latch is used for all fan
tachometer readings. The two bytes of a tachometer data must be read before reading the next tachometer
data; otherwise, the read data may be incorrect.
The fan speed data is updated every 1s.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com