Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 158Page - National Semiconductor (TI) PC8374L Datasheet HTML 159Page - National Semiconductor (TI) PC8374L Datasheet HTML 160Page - National Semiconductor (TI) PC8374L Datasheet HTML 161Page - National Semiconductor (TI) PC8374L Datasheet HTML 162Page - National Semiconductor (TI) PC8374L Datasheet HTML 163Page - National Semiconductor (TI) PC8374L Datasheet HTML 164Page - National Semiconductor (TI) PC8374L Datasheet HTML 165Page - National Semiconductor (TI) PC8374L Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
162
Revision1.1
8.5.18 FANPWM2 Current Duty
Current FANPWM2 duty cycle.
Location: 31h
Type:
R/W or RO (Becomes read-only when FANPWM2 Configuration is not set for manual mode.)
8.5.19 FANPWM3 Current Duty
Current FANPWM3 duty cycle.
Location: 32h
Type:
R/W or RO (Becomes read-only when FANPWM3 Configuration is not set for manual mode.)
8.5.20 Company ID
Company identification number.
Location: 3Eh
Type:
RO
Bit
Description
7-0
PWM_DUTY. Holds the current value of the duty cycle of the associated FANPWM signal. The behavior of this
field depends on the FANPWM Control Configuration register:
• In Manual mode, PWM_DUTY field is R/W: the value written selects the duty cycle of the FANPWM output.
• In all other modes, PWM_DUTY field is RO: its value indicates the current duty cycle of the FANPWM out-
put. During spin-up PWM_DUTY field is 0.
A value of 00h represents 0% duty cycle; a value of FFh represents 100% duty cycle.
Bit
76543210
Name
PWM_DUTY
Reset
11111111
Bit
Description
7-0
PWM_DUTY. Same as PWM_DUTY of FANPWM1 Current Duty register, but for FANPWM2.
Bit
76543210
Name
PWM_DUTY
Reset
11111111
Bit
Description
7-0
PWM_DUTY. Same as PWM_DUTY of FANPWM1 Current Duty register, but for FANPWM3.
Bit
76543210
Name
COMP_ID
Reset
0
0
0
0
0
0
0
1
Bit
Description
7-0
COMP_ID. Company identification number: 01h.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com