Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 161Page - National Semiconductor (TI) PC8374L Datasheet HTML 162Page - National Semiconductor (TI) PC8374L Datasheet HTML 163Page - National Semiconductor (TI) PC8374L Datasheet HTML 164Page - National Semiconductor (TI) PC8374L Datasheet HTML 165Page - National Semiconductor (TI) PC8374L Datasheet HTML 166Page - National Semiconductor (TI) PC8374L Datasheet HTML 167Page - National Semiconductor (TI) PC8374L Datasheet HTML 168Page - National Semiconductor (TI) PC8374L Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
165
www.national.com
8.5.24 Status Register 2
Event status register 2.This register is accessible only through the SMBus.
Note: All status bits in this register are reset when START bit of the Configuration register is reset.
Location: 42h
Type:
RO
3
5V_ERR. Is set to 1 when 5V input voltage is less than the limit set in the corresponding Low Limit register
(see Section 8.5.33 on page 169) or greater than the limit set in the corresponding High Limit register (see
Section 8.5.34 on page 170). Once set, the bit is updated again only after this register is read.
0: Voltage does not exceed any respective limit (default)
1: Voltage exceeds a respective limit
2
3.3V_ERR. Is set to 1 when 3.3V input voltage is less than the limit set in the corresponding Low Limit
register (see Section 8.5.31 on page 169) or greater than the limit set in the corresponding High Limit register
(see Section 8.5.32 on page 169). Once set, the bit is updated again only after this register is read.
0: Voltage does not exceed any respective limit (default)
1: Voltage exceeds a respective limit
1
Vccp_ERR. Is set to 1 when Vccp input voltage is less than the limit set in the corresponding Low Limit
register (see Section 8.5.29 on page 168) or greater than the limit set in the corresponding High Limit register
(see Section 8.5.30 on page 168). Once set, the bit is updated again only after this register is read.
0: Voltage does not exceed any respective limit (default)
1: Voltage exceeds a respective limit
0
2.5V_ERR. Is set to 1 when 2.5V input voltage is less than the limit set in the corresponding Low Limit
register (see Section 8.5.27 on page 167) or greater than the limit set in the corresponding High Limit register
(see Section 8.5.28 on page 168). Once set, the bit is updated again only after this register is read.
0: Voltage does not exceed any respective limit (default)
1: Voltage exceeds a respective limit
Bit
76543210
Name
DEV2_Fault
RD_Fault
FAN4_
STALL
FAN3_
STALL
FAN2
STALL
FAN1_
STALL
DEV1_Fault
12V_ERR
Reset
00000000
Bit
Description
7
DEV2_Fault (Device 2 Fault). Is set to 1 when a communication problem with the optional LM95010 device
occurs. Once set, the bit is updated again only after this register is read.
0: The optional LM95010 device does not exist or exists with valid communication (default)
1: A communication problem with LM95010
6
RD_Fault (Remote Diode Fault). Is set to 1 when there is a physical connection fault in one of the Remote
Diodes of the Temperature Zones occur (for LM96011: Zone1; for LM96010 or LM96012: Zone1 or Zone3).
Once set, the bit is updated again only after this register is read.
0: Proper connection of Remote Diode (default)
1: Remote Diode connection fault
5
FAN4_STALL. Is set to 1 when Fan 4 is either stalled or running at low speed (according to the FSTLMD bit in
the associated Extended FANPWM Control register; see Section 8.5.85 on page 190). Once set, the bit is
updated again only after this register is read.
0: Fan operating normally (default)
1: Fan is either stalled or running at low speed
Bit
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com