Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 166 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 166 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 162Page - National Semiconductor (TI) PC8374L Datasheet HTML 163Page - National Semiconductor (TI) PC8374L Datasheet HTML 164Page - National Semiconductor (TI) PC8374L Datasheet HTML 165Page - National Semiconductor (TI) PC8374L Datasheet HTML 166Page - National Semiconductor (TI) PC8374L Datasheet HTML 167Page - National Semiconductor (TI) PC8374L Datasheet HTML 168Page - National Semiconductor (TI) PC8374L Datasheet HTML 169Page - National Semiconductor (TI) PC8374L Datasheet HTML 170Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
166
Revision1.1
8.5.25 Status Register 3
Event status register 3. This register is accessible only through SMBus.
Note: All status bits in this register are reset when START bit of the Configuration register is reset.
Location: 73h
Type:
RO
4
FAN3_STALL. Is set to 1 when Fan 3 is either stalled or running at low speed (according to the FSTLMD bit in
the associated Extended FANPWM Control register; see Section 8.5.85 on page 190). Once set, the bit is
updated again only after this register is read.
0: Fan operating normally (default)
1: Fan is either stalled or running at low speed
3
FAN2_STALL. Is set to 1 when Fan 2 is either stalled or running at low speed (according to the FSTLMD bit in
the associated Extended FANPWM Control register; see Section 8.5.85 on page 190). Once set, the bit is
updated again only after this register is read.
0: Fan operating normally (default)
1: Fan is either stalled or running at low speed
2
FAN1_STALL. Is set to 1 when Fan 1 is either stalled or running at low speed (according to the FSTLMD bit in
the associated Extended FANPWM Control register; see Section 8.5.85 on page 190). Once set, the bit is
updated again only after this register is read.
0: Fan operating normally (default)
1: Fan is either stalled or running at low speed
1
DEV1_Fault (Device 1 Fault). Is set to 1 when a communication problem with the LM96011, LM96010 or
LM96012 device occurs. Once set, the bit is updated again only after this register is read.
0: Communication with LM96011/LM96010/LM96012 is functional (default)
1: Communication problem with LM96011/LM96010/LM96012
0
12V_ERR. Is set to 1 when 12V input voltage is less than the limit set in the corresponding Low Limit register
(see Section 8.5.35 on page 170) or greater than the limit set in the corresponding High Limit register (see
Section 8.5.36 on page 170). Once set, the bit is updated again only after this register is read.
0: Voltage does not exceed any respective limit (default)
1: Voltage exceeds a respective limit
Bit
76543210
Name
Reserved
CRIT3_ERR CRIT2_ERR CRIT1_ERR
Reset
00000000
Bit
Description
7-3
Reserved.
2
CRIT3_ERR. Is set to 1 when Zone3 temperature is more than the limit set in the corresponding
Temperature Critical Limit register (see Section 8.5.53 on page 175). Once set, the bit is updated again only
after this register is read.
0: Temperature does not exceed the critical limit (default)
1: Temperature exceeds the critical limit
1
CRIT2_ERR. Is set to 1 when Zone2 temperature is more than the limit set in the corresponding
Temperature Critical Limit register (see Section 8.5.52 on page 175). Once set, the bit is updated again only
after this register is read.
0: Temperature does not exceed the critical limit (default)
1: Temperature exceeds the critical limit
Bit
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com