Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 163Page - National Semiconductor (TI) PC8374L Datasheet HTML 164Page - National Semiconductor (TI) PC8374L Datasheet HTML 165Page - National Semiconductor (TI) PC8374L Datasheet HTML 166Page - National Semiconductor (TI) PC8374L Datasheet HTML 167Page - National Semiconductor (TI) PC8374L Datasheet HTML 168Page - National Semiconductor (TI) PC8374L Datasheet HTML 169Page - National Semiconductor (TI) PC8374L Datasheet HTML 170Page - National Semiconductor (TI) PC8374L Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
167
www.national.com
8.5.26 Status Register 4
Location: 74h
Type:
RO
8.5.27 Voltage Low Limit 2.5V
Voltage low limit for 2.5V voltage monitoring.
Location: 44h
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
0
CRIT1_ERR. Is set to 1 when Zone1 temperature is more than the limit set in the corresponding
Temperature Critical Limit register (see Section 8.5.51 on page 175). Once set, the bit is updated again only
after this register is read.
0: Temperature does not exceed the critical limit (default)
1: Temperature exceeds the critical limit
Bit
76543210
Name
Reserved
FAN4_OFF
FAN3_OFF
FAN2_OFF
FAN1_OFF
Reset
00001111
Bit
Description
7-4
Reserved.
3
FAN4_OFF. When set, this bit indicates for Fan Tachometer 4 that the associated FANPWM signal (see
Section 8.5.62 on page 181) driving the fan is in one of the following states:
• Fan turned off: The Duty Cycle of the associated FANPWM output is 0%
• Fan spinning-up: The rotational speed of the fan driven by the associated FANPWM output is increasing
from 0
• Fan stopping: The rotational speed of the fan driven by the associated FANPWM output is decreasing to 0
When FAN4_OFF bit is set, Fan Tachometer 4 registers are set to FFFFh, and the following bits are set to 0:
FAN4_STALL status bit of Status Register 2 (see Section 8.5.24 on page 165), and FAN4_STS of HM Sensor
Status Register 2 (see Section 8.4.9 on page 148).
When FAN4_OFF bit returns to 0, the status bits and Fan Tachometer registers are released (can be updated).
0: Fan rotating
1: Fan off, spinning-up or stopping (default)
2-0
FAN3_OFF - FAN1_OFF. Same as FAN4_OFF for Fan Tachometer 3-1.
Bit
76543210
Name
LOW_LIMIT
Reset
00000000
Bit
Description
7-0
LOW_LIMIT. The low limit value to which the associated voltage input data is compared. If the voltage input data
is lower than LOW_LIMIT, the corresponding bits in the HM Interrupt Status register, HM Sensor Status Register
and Status Register are updated/set (see Section 8.4.4 on page 143, Section 8.4.8 on page 147, and
Section 8.5.23 on page 164).
Bit
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com