Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 153Page - National Semiconductor (TI) PC8374L Datasheet HTML 154Page - National Semiconductor (TI) PC8374L Datasheet HTML 155Page - National Semiconductor (TI) PC8374L Datasheet HTML 156Page - National Semiconductor (TI) PC8374L Datasheet HTML 157Page - National Semiconductor (TI) PC8374L Datasheet HTML 158Page - National Semiconductor (TI) PC8374L Datasheet HTML 159Page - National Semiconductor (TI) PC8374L Datasheet HTML 160Page - National Semiconductor (TI) PC8374L Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
157
www.national.com
8.5.4
Voltage Reading 5V
Reflects current voltage of 5V monitoring.
Location: 23h
Type:
RO
8.5.5
Voltage Reading 12V
Reflects current voltage of 12V monitoring.
Location: 24h
Type:
RO
8.5.6
Temperature Reading Zone1
Reflects current Zone1 temperature.
Location: 25h
Type:
RO
Bit
76543210
Name
VOLT_DATA
Reset
00000000
Bit
Description
7-0
VOLT_DATA. The high byte of the voltage data measured by the associated LMxx Sensor device. The data is
interpreted as a left-aligned positive value:
MSBit of the LMxx Voltage Readout register maps to bit 7 of VOLT_DATA field.
Bit
76543210
Name
VOLT_DATA
Reset
00000000
Bit
Description
7-0
VOLT_DATA. The high byte of the voltage data measured by the associated LMxx Sensor device. The data is
interpreted as a left-aligned positive value:
MSBit of the LMxx Voltage Readout register maps to bit 7 of VOLT_DATA field.
Bit
76543210
Name
TEMP_DATA
Reset
0
0
0
0
0000
Bit
Description
7-0
TEMP_DATA. The high byte of the Temperature Zone1 data measured by the associated LMxx Sensor device.
The data is converted to a left-aligned 2’s complement value.
The value represented in this register is dependent on the setting of the ZONE1_RANGE bit in the Monitor
Control Register (see Section 8.5.54 on page 176). If ZONE1_RANGE is 0 the LSBit of this register represents
a value of 1
°C (temperature values are between -127°C (81h) and +127°C (7Fh)). If ZONE1_RANGE bit is 1
the LSBit of this register represents a value of 2
°C (temperature values are between -254°C (81h) and +254°C
(7Fh)).
A value of 80h represents a sensor error.
Notes: 1. TEMP_DATA is obtained by translating the Temperature Readout register data from the LMxx Sensor
device, according to the algorithm shown in Figure 37 on page 158. Limit checking is done only after
the temperature data has been modified (if necessary).
2. The temperature data can be low-pass filtered by setting the TEMP_FILT bit in the Monitoring Control
register (see Section 8.5.54 on page 176).
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com