Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 24 of 34
SPI DIGITAL INTERFACE
The ADGM1304 can be controlled via an SPI digital interface
when Pin 6 (PIN/SPI) is high. The SPI is compatible with SPI
Mode 0 (clock polarity (CPOL) = 0, clock phase (CPHA) = 0) and
Mode 3 (CPOL = 1, CPHA = 1) and it operates with SCLK
frequencies up to 10 MHz. When the SPI is active, the default
mode is addressable, in which, the device registers are accessed by a
16-bit SPI command that is bound by the state of the CS pin.
The ADGM1304 can also operate in daisy-chain mode.
The SPI interface pins of the ADGM1304 are CS, SCLK, SDI, and
SDO. Hold CS low when using the SPI interface. The data on SDI
is captured on the rising edge of SCLK and data is propagated out
on SDO on the falling edge of SCLK. SDO has push-pull output
driver architecture that does not require pull-up resistors.
Addressable Mode
Addressable mode is the default mode for the ADGM1304 on
power up. A single SPI frame in addressable mode is bounded
by a CS falling edge and the succeedingCS rising edge. It
comprises 16 SCLK cycles. The timing diagram for addressable
mode, in SPI Mode 0, is shown in Figure 50.
The first SDI bit indicates if the SPI command is a read or write
command. The next seven bits determine the target register
address. The remaining eight bits provide the data to the
addressed register. The last eight bits are ignored during a read
command, during which time the SDO propagates out the data
contained in the addressed register.
In Mode 0, during any SPI command, SDO sends out eight
alignment bits on the CS falling edge and the first seven SCLK
falling edges (in Mode 3, the first SCLK falling edge is ignored
as shown in Figure 50). The alignment bits observed at SDO are
0x25.
The target register address of an SPI command is determined on
the eighth SCLK rising edge. Data from the target register
propagates out on the SDO pin from the eighth to the 15th SCLK
falling edge during SPI reads. A register write occurs on the 16th
SCLK rising edge during SPI writes.
0
0
1
0
0
1
0
1
D7
D6
D5
D4
D3
D2
D1
D0
SDO
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SDI
SCLK
CS
Figure 49. Addressable Mode Timing Diagram (Mode 0)
0
0
1
0
0
1
0
1
D7
D6
D5
D4
D3
D2
D1
D0
SDO
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SDI
SCLK
CS
Figure 50. Addressable Mode Timing Diagram (Mode 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com