Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 31 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 30Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 31Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 32Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 33Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 31 of 34
Figure 61 shows the hot switching condition when the switch is
turned off with 10 mA passing through the switch during
switching.
GATE
RF1
RFC
SWITCH IS ON
10mA
GATE
RF1
RFC
SWITCHING FROM ON TO OFF
10mA
IS
IS
NOTES
1. THE PRESENCE OF THE APPLIED SIGNAL DURING
SWITCHING CYCLE DAMAGES THE SWITCH CONTACTS.
DAMAGE AREA
SEE NOTE 1.
Figure 61. Hot Switching Condition When Turning the Switch from On to Off State
FLOATING NODE
The ADGM1304 has no internal impedance to ground, and
charges can develop on the switch terminals, leading to unreliable
switch behavior. To mitigate this behavior, provide a discharge
path to all switch nodes. Figure 62 to Figure 65 show examples
of cases to avoid where floating nodes can occur when using the
switch. Conditions to avoid include the following:
•
Leaving the RFx pins open circuit (see Figure 62).
•
Connecting a series capacitor directly to the switch (see
Figure 63).
•
Connecting the RFx pin of two switches together directly
or connecting the RFC pin to the RFx pin (see Figure 64
and Figure 65).
RFx
RFC
FLOATING
OPEN CIRCUIT
Figure 62. RFx Pins Left Open Circuit
RFx
RFC
FLOATING
Figure 63. Series Capacitor Directly Connected to MEMS Switch
RFx
RFC
FLOATING
RFx
RFC
Figure 64. RFx Pins of Two MEMS Switches Directly Connected
RFx
RFC
FLOATING
RFC
RFx
Figure 65. RFC Connected to RFx
Provide a discharge path to the switch nodes to avoid floating
nodes. In a typical application, a 50 Ω termination connected to
the switch provides this path. Driving switch nodes with a
device of adequate impedance (<10 MΩ) provides a discharge
path. If there is no discharge path in the application circuit, add
a 10 MΩ shunt resistor or inductor on the source RFx pin of
the MEMS switch to provide the discharge path. Note that the
shunt resistors introduce leakage. Figure 66 shows an example
of a configuration providing a discharge path.
RFx
OR
OR
RFC
Figure 66. Switch Configuration Providing a Discharge Path
Figure 67 and Figure 68 illustrate typical cascaded switch use cases
and the corresponding schemes to mitigate floating node risks.
RFC
ADGM1304
ADGM1304
RF1
RF2
RF3
RF4
RF1
RF2
RF3
RF4
RFC
Figure 67. Two ADGM1304 Devices Connected in Path Selection
Configuration with 10 MΩ Shunt Resistors to Mitigate Floating Nodes
ADGM1304
ADGM1304
ADGM1304
RF1
RF2
RF3
RF4
RFC
RF1
RF2
RF3
RF4
RFC
RF1
RF2
RF3
RF4
RFC
Figure 68. Three ADGM1304 Devices Connected in Fanout Configuration
with 10 MΩ Shunt Resistors to Mitigate Floating Nodes
Avoid connecting shunt capacitors directly to the switch. A capa-
citor can store a charge and potentially lead to hot switching
events when the switch opens or closes if there are no alternative
discharge paths. These events affect the cycle lifetime of the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com