Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 26 of 34
Hardware Reset
The digital portion of the ADGM1304 goes through an
initialization phase during VDD power up. To hardware reset the
ADGM1304, power cycle the VDD input. After power-up or a
hardware reset, ensure there is a minimum of 10 µs before any
SPI command is issued. Ensure that VDD does not drop out
during the 10 µs initialization phase because it may result in
incorrect operation of the ADGM1304.
Internal Error Status
When an internal error is detected in the device, the internal
error is flagged by the INTERNAL_ERROR bits (Bits[7:6]) of
the SWITCH_DATA register (Register 0x20), as shown in
Table 10. An internal error results from an error in the
configuration of the device at power up.
INTERNAL OSCILLATOR FEEDTHROUGH
The ADGM1304 has an internal oscillator running at a nominal
10 MHz. This oscillator drives the charge pump circuitry that
provides the actuation voltage for each of the switch gate elec-
trodes. Although this oscillator is very low power, the 10 MHz
signal is coupled to the switch and can be considered a noise
spur on the switch channels. The magnitude of this feedthrough
noise spur is specified in Table 1 and is typically −123 dBm or
−146 dBm/Hz when one switch is on. When all four switches
are simultaneously on, the feedthrough goes up to −120 dBm.
VDD level and temperature changes affect the frequency of the
noise spur. For the maximum and minimum frequency range
over temperature and voltage supply range, see Table 1.
INTERNAL OSCILLATOR FEEDTHROUGH
MITIGATION
In normal operation, the 80 V actuation voltage is supplied by
the driver IC. Setting the EXTD_EN pin (Pin 7) low enables the
built in 10 MHz oscillator. This setting enables the charge
pump circuitry to generate the 80 V required for MEMS switch
actuation. The internal oscillator is a source of noise which
couples through to the RF ports. The magnitude of this
feedthrough noise spur is specified in Table 1 and is typically
−123 dBm or −146 dBm/Hz when one switch is on. The
internal oscillator feedthrough can be eliminated by setting the
EXTD_EN pin high, which disables the internal oscillator and
charge pump circuitry. When the internal oscillator and charge
pump circuitry is disabled, the VCP pin (Pin 24) must be driven
with 80 V dc (VCPEXT) from an external voltage supply, as
outlined in Table 5, required for MEMS switch actuation. The
switch can still be controlled via the digital logic interface pins
or via SPI interface pins
LOW POWER MODE
Setting the EXTD_EN pin high shuts down the internal
oscillator. The ADGM1304 enters low power quiescent state,
drawing only 50 µA maximum supply current. When the
internal oscillator and charge pump circuitry is disabled, the
VCP pin (Pin 24) must be driven with 80 V dc (VCPEXT) from an
external voltage supply, as outlined in Table 5, required for
MEMS switch actuation. The switch can still be controlled via
the digital logic interface pins or via SPI interface.
TYPICAL OPERATING CIRCUIT
Figure 54 shows the typical operating circuit for the
ADGM1304 as used in the EVAL-ADGM1304SDZ. A 47 pF
(100 V rated) external capacitor is required on the VCP pin as a
holding capacitor for the 80 V gate drive voltage. The VDD pin is
connected to a 3.3 V supply. However, VDD can operate from
3.0 V to 3.6 V. RFGND is separated from AGND internally in
the device.
It is recommended to connect RFGND to AGND using one
large pad on the PCB to short together EP1 and EP2. Figure 54
shows the ADGM1304 configured to use the internal oscillator
as the reference to the driver IC control circuit.
Alternatively, set Pin 7 (EXTD_EN) high and apply 80 V dc
directly to Pin 24 to disable the internal oscillator and eliminate
all oscillator feedthrough. The switches can then be controlled
normally via the logic control interface (Pin 1 to Pin 4) or via
the SPI interface.
To avoid any floating nodes, connect a 10 MΩ shunt resistor to
RFGND on all RFx pins (RF1 to RF4, and RFC), as shown in
Figure 54. See the Floating Node section for more information.
An example of a 10 MΩ resistor that can be used with the
MEMS switch is the Multicomp MCRE000262. The
MCRE000262 is tested with the switch and has very small
(negligible) impact on the RF performance of the MEMS
switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com