Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 19 of 34
0.1µF
VIN2
VDD
VDD
RF1
RF2
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
50Ω
RF4
VIN4
IN4
VIN3
IN3
SPECTRUM
ANALYZER
COMBINER
NETWORK
RF
SOURCE
RF
SOURCE
AGND
RFGND
Figure 40. Input Second-Order Intermodulation Intercept (IIP2) and Input
Third-Order Intermodulation Intercept (IIP3)
tON
50%
50%
90%
10%
VINx
VOUT
tOFF
VDD
VDD
0.1µF
VS
VINx
INx
RFx
RFC
RL
50Ω
VOUT
AGND
RFGND
Figure 41. Switch Timings, tON and tOFF
0.1µF
VIN2
VDD
RF1
RF2
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
50Ω
RF4
VIN4
IN4
VIN3
IN3
50Ω
RF
SOURCE
INPUT
RF
AMPLIFIER
VDD
GND
RFGND
Figure 42. Hot Switching Evaluation Setup, 2 GHz RF Source, 50% Duty Cycle,
5 kHz Switching Frequency
VDD
VDD
0.1µF
VINx
INx
RFx
RFC
AGND
RFGND
V
Figure 43. On Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com