Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 15 of 34
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
TIME (µs)
TA = 25°C
VDD = 3.3V
DIGITAL CONTROL
tON/tOFF TEST SIGNAL
Figure 24. Digital Control Signal and Test Signal vs. Time (VDD = 3.3 V)
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
12
SIGNAL AMPLITUDE (V p-p)
100Hz
1kHz
5kHz
10kHz
15kHz
20kHz
Figure 25. THD + N vs. Signal Amplitude, VDD = 3.3 V, RLOAD = 300 Ω, TA = 25°C,
Signal Source Impedance = 20 Ω
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (kHz)
0
2
4
6
8
10
12
14
16
18
20
0dBm
5dBm
10dBm
14.5dBm
Figure 26. THD + N vs. Frequency, VDD = 3.3 V, RLOAD = 300 Ω, TA = 25°C, Signal
Source Impedance = 20 Ω
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–6
–4
–2
0
2
4
6
SIGNAL BIAS VOLTAGE (V)
OFF SWITCH CAPACITANCE
ON SWITCH CAPACITANCE
Figure 27. Switch Capacitance vs. Signal Bias Voltage
0
4
8
12
16
20
24
28
32
36
0
4
8
12
16
20
24
28
32
36
INPUT POWER (dBm)
Figure 28. Output Power vs. Input Power (Signal Frequency = 4 GHz, VDD =
3.3 V, TA = 25°C)
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
4
8
12
16
20
24
28
32
36
INPUT POWER (dBm)
VDD = 3.3V
TA = 25°C
FREQUENCY = 4GHz
Figure 29. Insertion Loss vs. Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com