Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 25 of 34
Daisy-Chain Mode
The connection of several ADGM1304 devices in a daisy-chain
configuration is possible. All devices share the same CS and SCLK
lines while the SDO pin of one device forms a connection to the
SDI pin of the next device, creating a shift register. In daisy-chain
mode, the SDO signal is an 8-cycle delayed version of the SDI
signal (see Figure 52).
The ADGM1304 can only enter daisy-chain mode from address-
able mode by sending the 16-bit SPI command, 0x2500. See
Figure 52 for an example of this command. When the
ADGM1304 receives this command, the SDO pin of the devices
sends out the same command because the alignment bits at the
SDO pin are 0x25. This command allows multiple daisy-
chained devices to enter daisy-chain mode in a single SPI
frame. A hardware reset is required to exit daisy-chain mode.
For the timing diagram of a typical daisy-chain SPI frame,
see Figure 53. When the CS pin goes high, Device 1 writes
Command 0 to Bits[7:0] to the SWITCH_DATA register, Device 2
writes Command 1 to Bits[7:0] to the switches, and so on. The
SPI block uses the last eight bits received through the SDI pin
to update the switches. After entering daisy-chain mode, the
first eight bits sent out by the SDO pin are 0x00. When CS goes
high, the internal shift register value does not reset back to 0.
An SCLK rising edge reads in data on the SDI pin while data is
propagated out of the SDO pin on an SCLK falling edge. The
expected number of SCLK cycles are a multiple of eight before
the CS pin goes high. When this is not the case, the SPI interface
sends the last eight bits received to the SWITCH_DATA register.
RF4
SDI
CS
RF3
RF2
SDO
ADGM1304
DEVICE 1
SPI
INTERFACE
RFC
SCLK
RF4
RF3
RF2
SDO
ADGM1304
DEVICE 2
SPI
INTERFACE
RFC
Figure 51. Two SPI-Controlled ADGM1304 Switches Connected in a Daisy-Chain Configuration
0
0
1
0
0
1
0
1
0
0
0
0
0
0
0
0
SDO
0
0
1
0
0
1
0
1
0
0
0
0
0
0
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SDI
SCLK
CS
Figure 52. SPI Command to Enter Daisy-Chain Mode
SDO
COMMAND3[7:0]
8’h00
COMMAND2[7:0]
COMMAND3[7:0]
COMMAND1[7:0]
COMMAND2[7:0]
COMMAND0[7:0]
COMMAND1[7:0]
SDI
SDO3
8’h00
8’h00
8’h00
8’h00
COMMAND3[7:0]
8’h00
COMMAND2[7:0]
COMMAND3[7:0]
SDO2
DEVICE 2
DEVICE 1
DEVICE 4
DEVICE 3
CS
NOTES
1. SDO2 AND SDO3 ARE THE OUTPUT COMMANDS FROM DEVICE 2 AND DEVICE 3, RESPECTIVELY.
Figure 53. Example of a SPI Frame when Three ADGM1304 Devices are Connected in Daisy-Chain Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com