Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 30Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 31Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 28 of 34
APPLICATIONS INFORMATION
POWER SUPPLY RAILS
It is recommended that a 0.1 µF decoupling capacitor be added
to the power supply port of the ADGM1304.
The ADGM1304 can operate with unipolar supplies between
3.0 V and 3.6 V.
The device is fully specified at a 3.3 V analog supply voltage.
POWER SUPPLY RECOMMENDATIONS
Analog Devices has a wide range of power management
products to meet the requirements of most high performance
signal chains.
An example of a unipolar power solution for the ADGM1304 is
shown in Figure 55. The ADP7142 is a low dropout linear
regulator that operates from 2.7 V to 40 V and is ideal for
regulation of high performance analog and mixed-signal
circuits operating from 39 V down to 1.2 V rails. The ADP7142
has 11 µV rms output noise independent of the output voltage.
The ADP7142 can be used to power the supply rail for the
ADGM1304, a microcontroller, and/or other devices in the
signal chain.
ADP7142
LDO
ADGM1304
3.3V
5V
INPUT
Figure 55. Unipolar Power Solution
If low noise performance at the power supply is required, the
ADP7142 can be replaced by the LT1962 or the LT3045-1.
Table 7. Recommended Power Management Devices
Product
Description
ADP7142
40 V, 200 mA, low noise, CMOS LDO linear regulator
LT1962
300 mA, low noise, micropower, LDO regulator
LT3045-1
20 V, 500 mA, ultralow noise, ultrahigh PSRR linear
regulator with VIOC control
SWITCHABLE RF ATTENUATOR
It is common to see RF attenuator networks used in RF instru-
mentation equipment such as vector network analyzers, spectrum
analyzers, and signal generators. Routing RF signals through an
attenuator enables the equipment to accept higher power
signals and increase the dynamic range of the instrument. In RF
attenuation applications like the vector network analyzers,
spectrum analyzers, and signal generators, maintaining the
bandwidth of the signal after it passes through the network is
critical. Any degradation of the signal reduces the performance
of the equipment. Therefore, the RF characteristics of the
switches used for routing are integral to the quality of an
attenuator network.
The ADGM1304 MEMS switch is suited for use as a switchable
RF attenuator due to its low flat insertion loss, very wide RF band-
width, and high reliability. The ADGM1304, as an SP4T switch,
also provides added flexibility. Figure 56 shows an example atten-
uation network configuration using two ADGM1304 switches
and three different attenuators. The fourth channel of the switches
is used as a nonattenuated route.
15dB
10dB
I/O
ADGM1304
5dB
I/O
ADGM1304
Figure 56. Switching RF Attenuators Using ADGM1304 MEMS Switches
RECONFIGURABLE RF FILTER
A reconfigurable RF filter is advantageous in many RF front-
end applications. A reconfigurable RF filter provides more
saved space. As space becomes more constrained in applications,
it is useful to have the option of using an economical
reconfigurable RF filter instead of individual frequency
dependent filters.
The ADGM1304 has low flat insertion loss, very wide RF band-
width, low parasitic, low capacitance, and high linearity, and as
such, is needed to turn on the lump components (capacitor and
inductor). As such, the MEMS switch is suited for
reconfigurable filter application.
In applications such as wireless communications or mobile radios,
the number of bands and modes constantly increases. A recon-
figurable RF filter allows more bands and modes to be covered
using the same components.
Figure 57 shows an example of a reconfigurable band-pass
filter. The topology shown is of a generalized two section,
inductively coupled, single-ended band-pass filter that is
nominally centered on 400 MHz (ultrahigh frequency (UHF)
band). The MEMS switches are positioned in series with each
of the shunt inductors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com