Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 22 of 34
Internal Oscillator Frequency
The internal oscillator frequency is the value of the on-board
oscillator that drives the gate control chip of the ADGM1304.
Internal Oscillator Feedthrough
The internal oscillator feedthrough is the amount of internal
oscillator signal that feeds through to the RF pins of the switch.
This signal appears as a noise spur on the RFx pin and RFC pin
of the switch at the oscillator operating frequency and oscillator
harmonics.
On Resistance (RON)
RON is the resistance of a switch in the closed (on) state
measured between the package pins. Measure on resistance in
4-wire mode to eliminate any cabling or PCB series resistances.
On Resistance Drift
On resistance drift is the change in the on resistance of the
switch over the specified criteria in Table 1.
Continuously on Lifetime
The continuously on lifetime measures how long the switch is
left in a continuously on state. If the switch is left in the on
position for an extended period, it affects the turn off
mechanism of the device.
Actuation Lifetime
Actuation lifetime is the number of consecutive open to close to
open cycles that can complete without the on resistance
exceeding a specified limit and no occurrence of failures to
open (FTO) or failures to close (FTC).
Cold Switching
Cold switching operates the switch in a mode so that no voltage
differential exists between source and drain when the switch is
closed or no current is flowing from source to drain when the
switch opens. All switches have longer lives when cold
switched.
Hot Switching
Hot switching is operating the switch in a mode where a voltage
differential exists between source and drain when the switch is
closed and/or current is flowing from RFx channel to RFC
channel when the switch is opened. Hot switching results in a
reduced switch life, depending on the magnitude of the open
circuit voltage between the source and the drain.
Input High Voltage (VINH)
VINH is the minimum input voltage for Logic 1.
Input Low Voltage (VINL)
VINL is the maximum input voltage for Logic 0.
Input Current (IINL, IINH)
IINL and IINH are the low and high input currents of the digital
inputs.
Output High Voltage (VOH)
VOH is the minimum output voltage for Logic 1.
Output Low Voltage (VOL)
VOL is the maximum output voltage for Logic 0.
Low Power Mode Current (IDDEXTVCP)
IDD EXT VCP is the amount of supply current used by the gate
driver circuity when the internal oscillator and the charge
pump circuitry are turned off by setting the EXTD_EN pin
high.
External Drive Current (ICPEXTVCP)
ICP EXT VCP is the amount of current used by the ADGM1304
from the external 80 V power supply when the internal
oscillator and charge pump circuitry are turned off by setting the
EXTD_EN pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com